Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 5000
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5000 Datasheet(HTML) 5 Page - Renesas Technology Corp

  5000 Datasheet HTML 1Page - Renesas Technology Corp 5000 Datasheet HTML 2Page - Renesas Technology Corp 5000 Datasheet HTML 3Page - Renesas Technology Corp 5000 Datasheet HTML 4Page - Renesas Technology Corp 5000 Datasheet HTML 5Page - Renesas Technology Corp 5000 Datasheet HTML 6Page - Renesas Technology Corp 5000 Datasheet HTML 7Page - Renesas Technology Corp 5000 Datasheet HTML 8Page - Renesas Technology Corp 5000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
F2932
F2932, Rev 1 05/12/2016
5
High Reliability SP2T RF Switch
F2932 SPECIFICATION (CONT.)
Typical Application Circuit, VDD = 5.0 V, TC = +25 °C, FRF = 2000 MHz, Driven Port = RF1 or RF2, input power =
10 dBm, ZS = ZL = 50 ohms, PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input 1dB Compression
3
ICP1dB
50 MHz
33.2
dBm
1 GHz
35.5
2 GHz
36.5
3 GHz
36.1
4 GHz
35.3
Input 0.1dB Compression
3
ICP0.1dB
VDD = 5.0 V
50 MHz
30.4
dBm
2 GHz
32.3
3 GHz
32.6
4 GHz
32.2
VDD = 3.1 V
50 MHz
30.1
2 GHz
32.1
3 GHz
32.6
4 GHz
32.1
Input IP2
IIP2
FRF1 = 2000 MHz, FRF2 = 1990 MHz
RFIN = RF1 or RF2
PIN = +20 dBm / tone
FIP2 =FRF1 + FRF2
111
dBm
Input IP3
IIP3
RF Input = RF1 or RF2
PIN = +15 dBm/tone
∆ F = 1 MHz
50 MHz
58
dBm
1 GHz
64
2 GHz
64
2.5 GHz
63.4
4 GHz
63.6
Non-RF Driven Spurious
4
SpurMAX
At any RF port when externally
terminated into 50 Ω
-114
dBm
Switching Time
5
TSW
50% control to 90% RF
210
ns
50% control to 10% RF
115
50% control to RF settled to within
+/- 0.1 dB of I.L. value
225
Maximum Switching Rate
6
SWRATE
25
kHz
Maximum Video Feed-
through on RF Ports
VIDFT
5 MHz to 1000 MHz
Measured with 20 ns risetime,
0 to 3.3 V control pulse
12
mVpp
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: The input 1 dB compression point is a linearity figure of merit. Refer to the Recommended Operating
Conditions section for the specified maximum operating power levels.
Note 4: Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 5.2 MHz.
Note 5: FRF = 1 GHz.
Note 6: Minimum time required between switching of states = 1/ (Maximum Switching Rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com