Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62320P
Description  8-BIT I/O EXPANDER for I2C BUS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62320P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62320P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI < STD. LINEAR ICs >
M62320P,FP
2/20,1998(rev) (
/ 9 )
MITSUBISHI ELECTRIC
8-BIT I/O EXPANDER for I C BUS
2
• Note that a transmitter must internally provide at least a hold time to bridge the undefined region
(max.300 ns) of the falling edge of SCL.
SCL clock frequency
Free time: the bus must be free before a new transmission can start
fSCL
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA
tHD:DAT
tSU:DAT
tR
tF
tSU:STO
KHz
µs
ns
ns
ns
µs
µs
µs
µs
µs
µs
Parameter
Hold time START Condition. After this period,the first clock pulse
is generated.
LOW period of the clock
HIGh period of the clock
Set-up time for START condition (Only relevant for a repeated
START condition)
Data Hold time
Data Set-up time
Rise time of SDA and SCL signals
Fall time of SDA and SCL signals
Set-up time for STOP condition
Symbol
Unit
Min.
0
4.7
4.0
4.7
4.0
4.7
0
250
4.0
-
-
Max.
100
1000
300
-
-
-
-
-
-
-
-
Limits
TIMING CHART
tR, tF
tBUF
tLOW
tHIGH
tHD:DAT
tSU:DAT
SDA
SCL
VIH
VIL
VIH
VIL
tHD:STA
tSU:STA
tSU:STO
START
START
STOP
START
4
I C BUS CHARACTERISTICS
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com