Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320P Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62320P
Description  8-BIT I/O EXPANDER for I2C BUS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62320P Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M62320P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MITSUBISHI < STD. LINEAR ICs >
M62320P,FP
2/20,1998(rev) (
/ 9 )
MITSUBISHI ELECTRIC
8-BIT I/O EXPANDER for I C BUS
2
FUNCTIONAL DESCRIPTION
• In a case of a data conversion from parallel to serial.
Transmission from a master (MCU etc.)
Transmission from a slave (M62320)
All I/O setting resistors are set to low (input) in the write mode, before a parallel data is read. (All I/O
setting resistors are set to the input mode after power-on.)
• In a case of a data conversion from serial to parallel.
Transmission from a master (MCU etc.)
Transmission from a slave (M62320)
D0 to D7
output
SCL
SDA
0
1
1
1 A2 A1A0 0
A
P7P6 P5P4P3 P2P1P0 A
12
34
5678
12
34
5678
Hi-Z
start
condition slave address
I/O setting byte
SCL
SDA
01
1
1 A2 A1 A0 1
A
D47D46D45D44D43D42D41D40A
12
3
4
5
67
8
12
3
4
5
67
8
D37D36D35D34D33D32D31D30A
DATA
DATA
Hi-Z
D17D16D15D14D13D12D11D10A
DATA
D0 to D7
Input
(example)
D1XD4X
D2XD3X
slave address
start
condition
stop condition
data latch
data latch
data latch
D0
to
D7
D1XD2X
SCL
SDA
011
1 A2 A1 A0 0
A
P7 P6 P5 P4 P3 P2 P1 P0 A D17D16D15D14D13D12D11D10A D27D26D25D24D23D22D21D20A
123
4
5
6
7
8
123
4
5
6
7
8
DATA
DATA
Hi-Z
starting
condition slave address
I/O setting byte
stop condition
Data output
Data output
D0 to D7
Output
7
All parallel data I/O terminals are set to the input-state after power-on. In case any terminals need to be set to
the output state, the corresponding terminals should be set during the write mode. This setting is hold until a
next setting.
In the write mode, 8 bits data can be transmitted from the I C BUS interface to the parallel ports continually after
the slave address and I/O setting.
In the read mode, 8 bits data can be transmitted from the parallel ports to the I C BUS interface continually after
the slave address setting.
In the case of a changing between the write- and read-mode, the data must be transmitted again from the
starting condition.
2
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com