Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62320P
Description  8-BIT I/O EXPANDER for I2C BUS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62320P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62320P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62320P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MITSUBISHI < STD. LINEAR ICs >
M62320P,FP
2/20,1998(rev) (
/ 9 )
MITSUBISHI ELECTRIC
8-BIT I/O EXPANDER for I C BUS
2
FUNCTIONAL BLOCKS
I C BUS interface
The I C BUS interface recognizes start/stop conditions, a slave address and a write/read mode selection
by receiving SDA,SCL,CS0,CS1 and CS2 signals and then the latch pulses, dedicated to each data latch
are generated.
Data Latch
This IC has 3 types of data latch : the I/O setting data latch, the input data latch and the output data latch
and each latch is controlled by the I C BUS interface.
• I/O setting data latch
These latches set input- or output-state of each parallel data terminals (D0 to D7). They are set at the next
byte after receiving the slave address byte in the write mode from the master. In case this latch is set to
high, the data is transferred from the I C BUS interface to the parallel data terminals. In the opposite
transmission : from the parallel data terminals to the I C BUS, it is set to low.
• Output data latch
In the write mode, the data from the I C BUS to the parallel data terminals is latched. When the master
transmits output data after a setting in write mode, the output data is taken into the latches.
• Input data latch
In the read mode, the data of parallel data terminals is latched in the input data latches. The input data is
taken into the latches from the parallel data terminals on every 8th negative edge of SCL clock . The
latched data is output to the master through the sift resistor. On the output terminal assigned by the I /
O setting latch, the input data latch takes the state of the output terminal.
Parallel input / output port
In case I/O setting latch is set to low (the input mode), each parallel terminal becomes hi-impedance and
is able to accept a input. In another case I/O setting latch is set to high (output mode), each parallel
terminal outputs a data according to the state of the output data latch.
Power on reset
When power is turned on, each latch is reset and then the parallel data I/O terminals become
hi-impedance (input mode).
5
2
2
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com