Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LS1008C Datasheet(PDF) 2 Page - Greenliant systems

Part # GLS85LS1008C
Description  Industrial Temp SATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1008C Datasheet(HTML) 2 Page - Greenliant systems

  GLS85LS1008C Datasheet HTML 1Page - Greenliant systems GLS85LS1008C Datasheet HTML 2Page - Greenliant systems GLS85LS1008C Datasheet HTML 3Page - Greenliant systems GLS85LS1008C Datasheet HTML 4Page - Greenliant systems GLS85LS1008C Datasheet HTML 5Page - Greenliant systems GLS85LS1008C Datasheet HTML 6Page - Greenliant systems GLS85LS1008C Datasheet HTML 7Page - Greenliant systems GLS85LS1008C Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Factsheet 02.100
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
2
S71451-01
GLS FS0019 Rev. 00
GLS85LS1008C / 1016C / 1032C / 1064C / 1128C
Industrial Temp SATA NANDrive™ MX Series
1.0
GENERAL DESCRIPTION
Each SATA NANDrive contains an integrated SATA NAND flash memory controller and discrete NAND flash die
in a BGA package. Refer to Figure 2-1 for the SATA NANDrive block diagram.
1.1
Optimized SATA NANDrive
The heart of SATA NANDrive is the SATA NAND flash
memory controller which translates standard SATA
signals into flash media data and control signals. The
following components contribute to SATA NANDrive’s
operation.
1.1.1 Microcontroller Unit (MCU)
The MCU translates SATA commands into data and
control signals required for flash media operation.
1.1.2 Internal Direct Memory Access (DMA)
SATA NANDrive uses internal DMA allowing instant
data transfer from/to buffer to/from flash media. This
implementation eliminates microcontroller overhead
associated
with
the
traditional,
firmware-based
approach, thereby increasing the data transfer rate.
1.1.3 Power Management Unit (PMU)
The PMU controls the power consumption of SATA
NANDrive. The PMU dramatically reduces the power
consumption of SATA NANDrive by putting the part of
the circuitry that is not in operation into sleep mode.
The Flash File System handles inadvertent power
interrupts and has auto-recovery capability to ensure
SATA NANDrive firmware integrity. For regular power
management,
the
host
must
send
a
STANDBY_IMMEDIATE
(E0h),
IDLE_IMMEDIATE
(E1h), STANDBY (E2h) or IDLE (E3h) command and
wait for the command-ready before powering down
SATA NANDrive.
1.1.4 Embedded Flash File System
The embedded flash file system is an integral part of
SATA NANDrive. It contains MCU firmware that
performs the following tasks:
1.
Translates host side signals into flash media
writes and reads
2.
Provides flash media wear leveling to spread
flash writes across all memory address space to
increase the longevity of flash media
3.
Keeps track of the data file structure
4.
Manages system security for the selected
protection zones
1.1.5 Error Correction Code (ECC)
The ECC technology uses advanced algorithms to
detect and correct errors, ensuring data integrity and
extending the SSD lifespan.
1.1.6 Serial Communication Interface (SCI)
The Serial Communication Interface (SCI) is designed
for error reporting. During the product development
stage, it is recommended to provide the SCI port on
the PCB to aid in design validation.
1.1.7 Multi-tasking Interface
The multi-tasking interface enables fast, sequential
write performance by allowing concurrent Read,
Program and Erase operations to multiple flash media.
1.2
SMT Reflow Consideration
Preprogrammed NAND devices have temperature
limits due to data retention. Using Greenliant’s
recommended reflow profile during production will
help prevent damage to the device and ensure better
retention of any preprogrammed data through the
surface-mount soldering process. See the relevant
datasheet section describing the recommended reflow
temperature limits.
1.3
Advanced NAND Management
SATA
NANDrive’s
integrated
controller
uses
advanced wear-leveling algorithms to substantially
increase the longevity of NAND flash media. Wear
caused by data writes is evenly distributed across all
or select blocks in the device to prevent “hot spots” in
locations that are programmed and erased extensively.
This effective
wear-leveling technique results in
optimized device endurance, enhanced data retention
and higher reliability required by long-life applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com