Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LS1008C Datasheet(PDF) 5 Page - Greenliant systems

Part # GLS85LS1008C
Description  Industrial Temp SATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1008C Datasheet(HTML) 5 Page - Greenliant systems

  GLS85LS1008C Datasheet HTML 1Page - Greenliant systems GLS85LS1008C Datasheet HTML 2Page - Greenliant systems GLS85LS1008C Datasheet HTML 3Page - Greenliant systems GLS85LS1008C Datasheet HTML 4Page - Greenliant systems GLS85LS1008C Datasheet HTML 5Page - Greenliant systems GLS85LS1008C Datasheet HTML 6Page - Greenliant systems GLS85LS1008C Datasheet HTML 7Page - Greenliant systems GLS85LS1008C Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Factsheet 02.100
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
5
S71451-01
GLS FS0019 Rev. 00
GLS85LS1008C / 1016C / 1032C / 1064C / 1128C
Industrial Temp SATA NANDrive™ MX Series
Valid Combinations
Valid product combinations are those that are in the mass production, or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 12-1: SATA NANDrive Product Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Package
8GB
Industrial (-40°C to 85°C)
GLS85LS1008C-M-I-LBJE-ND114
LBJE, 14x24x1.40mm
16GB
Industrial (-40°C to 85°C)
GLS85LS1016C-M-I-LBJE-ND114
LBJE, 14x24x1.40mm
32GB
Industrial (-40°C to 85°C)
GLS85LS1032C-M-I-LBJE-ND114
LBJE, 14x24x1.40mm
64GB
Industrial (-40°C to 85°C)
GLS85LS1064C-M-I-LBJE-ND114
LBJE, 14x24x1.40mm
128GB
Industrial (-40°C to 85°C)
GLS85LS1128C-M-I-FZJE-ND114
FZJE, 14x24x1.95mm
Table 12-2: SATA NANDrive Evaluation Board Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Form Factor
8GB
Industrial (-40°C to 85°C)
GLS85LS1008C-M-I-1S-ED114
Module with SATA connector
16GB
Industrial (-40°C to 85°C)
GLS85LS1016C-M-I-1S-ED114
Module with SATA connector
32GB
Industrial (-40°C to 85°C)
GLS85LS1032C-M-I-1S-ED114
Module with SATA connector
64GB
Industrial (-40°C to 85°C)
GLS85LS1064C-M-I-1S-ED114
Module with SATA connector
128GB
Industrial (-40°C to 85°C)
GLS85LS1128C-M-I-1S-ED114
Module with SATA connector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com