Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LS1008C Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS85LS1008C
Description  Industrial Temp SATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1008C Datasheet(HTML) 1 Page - Greenliant systems

  GLS85LS1008C Datasheet HTML 1Page - Greenliant systems GLS85LS1008C Datasheet HTML 2Page - Greenliant systems GLS85LS1008C Datasheet HTML 3Page - Greenliant systems GLS85LS1008C Datasheet HTML 4Page - Greenliant systems GLS85LS1008C Datasheet HTML 5Page - Greenliant systems GLS85LS1008C Datasheet HTML 6Page - Greenliant systems GLS85LS1008C Datasheet HTML 7Page - Greenliant systems GLS85LS1008C Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Factsheet 02.100
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
1
S71451-01
GLS FS0019 Rev. 00
GLS85LS1008C / 1016C / 1032C / 1064C / 1128C
Industrial Temp SATA NANDrive™ MX Series
Features
• Industry Standard SATA Host Interface
–
SATA 1.5Gb/s, 3Gb/s and 6Gb/s
–
SATA Revision 3.2
–
ATA/ATAPI-8 compliant
–
Supports 48-bit address feature set
–
Native Command Queuing (NCQ)
up to 32 commands
• Performance
–
Sequential data read: Up to 410 MByte/sec
–
Sequential data write: Up to 115 MByte/sec
(128KB transfer size tested in VDBench on Linux)
• Power Management
–
3.3V and 1.0V power supply
–
Host initialized power management (HIPM)
–
Device initialized power management (DIPM)
• Power Specifications
–
Active mode:
128GB: Up to 2860mW
64GB: Up to 1980mW
32GB: Up to 1540mW
16GB: Up to 1200mW
8GB: Up to 1200mW
–
Idle / Standby mode: <355mW
–
DevSleep mode: <70mW
• Expanded Data Protection
–
Added data security through user-selectable
protection zones
–
Secure Erase (data sanitization)
• 20-Byte Serial Number
–
Factory pre-programmed 10-Byte unique ID
–
User-programmable 10-Byte ID
• Supports SMART and TRIM Commands
• Robust Built-in ECC
• Thermal Throttling
• NAND Configuration
–
2 bits per cell (3D MLC NAND)
• Endurance
–
Program/Erase (P/E) Cycles: 5K
• Operating Temperature Range
–
Industrial: -40°C to 85°C
• BGA package
–
14.0 mm x 24.0 mm x 1.40 mm, 145-ball,
1.0 mm ball pitch, LBJE (8GB, 16GB, 32GB,
64GB)
–
14.0 mm x 24.0 mm x 1.95 mm, 145-ball,
1.0 mm ball pitch, FZJE (128GB)
• All Devices are RoHS Compliant
Product Description
The GLS85LS1008C / 1016C / 1032C / 1064C /
1128C Industrial Temperature SATA NANDrive™
devices (referred to as “SATA NANDrive” in this
factsheet) are fully integrated solid state drives. They
combine an advanced Greenliant NAND controller
and 8, 16, 32, 64 or 128 GBytes of NAND flash in a
multi-chip package. These products are ideal for
embedded and portable applications that require small
form factor and reliable data storage.
Serial ATA (SATA)-interface solid state mass storage
technology is widely used in industrial PCs, single
board computers, servers, networking appliances,
HMI
and
digital
signage
displays,
test
and
measurement
instrumentation,
multi-functional
printers, robotics, video
equipment and security
systems.
SATA NANDrive is a single device, solid state drive
(SSD) that provides the functionality and compatibility
of a complete SATA hard disk drive (HDD) in a 14 mm
x 24 mm BGA package for easy, space saving
mounting to a system motherboard. These products
surpass traditional storage in their small size, security,
reliability, ruggedness and low power consumption.
The integrated NAND flash controller with built-in
advanced
NAND
management
firmware
communicates with the host through the standard
SATA protocol. It does not require any additional or
proprietary software such as the Flash File System
(FFS) and Memory Technology Driver (MTD).
SATA NANDrive is pre-programmed with a 10-Byte
unique serial ID and has the option of programming
an additional 10-Byte serial ID for even greater
system security.
SATA NANDrive’s advanced NAND management
technology enhances data reliability and security,
improves endurance and accurately estimates the
remaining life of the NAND flash devices. This
innovative
technology
combines
robust
NAND
controller hardware error correction capabilities with
advanced wear-leveling algorithms and bad block
management to significantly extend the life of the
product.
SATA NANDrive devices are offered in a 145-ball
BGA, 1 mm ball pitch package.


Similar Part No. - GLS85LS1008C

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85LS1008E-S-I-1S-ED110 GREENLIANT-GLS85LS1008E-S-I-1S-ED110 Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1008G-S-I-1S-ED111 GREENLIANT-GLS85LS1008G-S-I-1S-ED111 Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1008P-S-I-1S-ED101 GREENLIANT-GLS85LS1008P-S-I-1S-ED101 Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1008P-S-I-1S-ED104 GREENLIANT-GLS85LS1008P-S-I-1S-ED104 Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1008P-S-I-1S-ET095 GREENLIANT-GLS85LS1008P-S-I-1S-ET095 Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
More results

Similar Description - GLS85LS1008C

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1016B GREENLIANT-GLS85VM1016B Datasheet
332Kb / 8P
Industrial Temp eMMC NANDrive
GLS85VM1008C GREENLIANT-GLS85VM1008C Datasheet
166Kb / 7P
Industrial Temp eMMC NANDrive MX Series
GLS85LS1XXXG GREENLIANT-GLS85LS1XXXG Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1016P GREENLIANT-GLS85LS1016P Datasheet
133Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002E GREENLIANT-GLS85LS1002E Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
Industrial Grade PATA NANDrive
GLS85LP0512P GREENLIANT-GLS85LP0512P Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
GLS85LD1001T GREENLIANT-GLS85LD1001T Datasheet
340Kb / 8P
Industrial Grade PATA NANDrive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com