Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LP1001P Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS85LP1001P
Description  Industrial Grade PATA NANDrive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP1001P Datasheet(HTML) 4 Page - Greenliant systems

  GLS85LP1001P Datasheet HTML 1Page - Greenliant systems GLS85LP1001P Datasheet HTML 2Page - Greenliant systems GLS85LP1001P Datasheet HTML 3Page - Greenliant systems GLS85LP1001P Datasheet HTML 4Page - Greenliant systems GLS85LP1001P Datasheet HTML 5Page - Greenliant systems GLS85LP1001P Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Factsheet 01.000
June 2019
These specifications are subject to change without notice.
06/24/2019
© 2019 Greenliant
4
S71456-F
GLS85LP1001P
Industrial Grade PATA NANDrive™
GLS FS0019 Rev. 00
3.0
PRODUCT ORDERING INFORMATION
GLS 85 LP 1 0xxP - S -
I - LBTE - NDxxx
XX XX X XXXX - X - X - XXXX - XXXXX
Ordering Code
3)
NDxxx = NANDrive Revision
EDxxx = Evaluation Board Revision
Environmental Attribute
E = non-Pb solder (RoHS Compliant)
Package Modifier
T = 88 ball positions (nearest letter code
to total ball count of 91)
Package Type
LB = BGA (max. package height 1.40mm)
Operating Temperature
I = Industrial: -40°C to +85°C
NAND configuration
S = 1 bit per cell
Product Generation
P = Generation
Capacity
001 = 1 GByte
MByte or GByte Designator
0 = MByte
1 = GByte
Interface
P= Parallel ATA/IDE Interface
Voltage
L = 3.3V
Product Series
85 = NANDrive
3)
Note that the top side marking on the package typically does not include ordering codes (e.g. NDxxx), unless it is a special
C-SPEC (custom specification) which is required by the end-customer to be marked on the device.
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: PATA NANDrive Product Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Package
1GB
Industrial (-40°C to 85°C)
GLS85LP1001P-S-I-LBTE-ND003
LBTE, 12x24x1.40mm
Table 3-2: PATA NANDrive Evaluation Board Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Form Factor
1GB
Industrial (-40°C to 85°C)
GLS85LP1001P-S-I-40CN-ED003
Module with 40-pin ATA connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com