Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LP1001P Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS85LP1001P
Description  Industrial Grade PATA NANDrive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP1001P Datasheet(HTML) 1 Page - Greenliant systems

  GLS85LP1001P Datasheet HTML 1Page - Greenliant systems GLS85LP1001P Datasheet HTML 2Page - Greenliant systems GLS85LP1001P Datasheet HTML 3Page - Greenliant systems GLS85LP1001P Datasheet HTML 4Page - Greenliant systems GLS85LP1001P Datasheet HTML 5Page - Greenliant systems GLS85LP1001P Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Factsheet 01.000
June 2019
These specifications are subject to change without notice.
06/24/2019
© 2019 Greenliant
1
S71456-F
GLS85LP1001P
Industrial Grade PATA NANDrive™
GLS FS0019 Rev. 00
Features
• Industry Standard ATA / IDE Bus Interface
–
Host Interface: 16-bit access
–
Supports 48-bit address feature set
–
Supports up to PIO Mode-6
1)
–
Supports up to Multi-Word DMA Mode-4
2)
–
Supports up to Ultra DMA Mode-6
• Performance
–
Sequential data read: Up to 26 MByte/sec*
–
Sequential data write: Up to 16 MByte/sec*
* measured using 128 Kbyte transfer size
• Power Management
–
3.3V power supply
–
Immediate disabling of unused circuitry
without host intervention
–
Zero wake-up latency
• Power Specifications
–
Active mode: 70mA typical (typical)
–
Sleep mode: 500µA (typical)
• Expanded Data Protection
–
WP#/PD# pin configurable by firmware for
prevention of data overwrites
–
Data security through user-selectable
protection zones
–
Security Erase feature
• 20-Byte Unique ID for Enhanced Security
–
Factory pre-programmed 10-Byte unique ID
–
User-programmable 10-Byte ID
• Integrated Voltage Detector
–
Prevents inadvertent Write operations due to
unexpected power-down or brownout
• Pre-programmed Embedded Firmware
–
Executes industry standard ATA/IDE
commands
–
Implements advanced wear-leveling
algorithms to substantially increase the
longevity of flash media
–
Embedded Flash File System
• Supports SMART Commands
• Robust Built-in ECC
• NAND Configuration for High Reliability
–
1 bit per cell (SLC)
–
Excellent endurance and data retention
• Operating Temperature Range
–
Industrial: -40°C to 85°C
• 91-ball BGA Package
–
12.0mm x 24.0mm x 1.40mm, 91-ball,
1.0mm ball pitch, LBTE
• All Devices are RoHS Compliant
Product Description
The
GLS85LP1001P
Industrial
Grade
PATA
NANDrive™ device (referred to as “PATA NANDrive”
in this factsheet) is a fully-integrated, embedded solid
state drive (SSD). It combines an integrated ATA
controller and 1 GByte of NAND flash memory in a
multi-chip
package.
This
product
is
ideal
for
embedded and portable applications that require
smaller form factor and more reliable data storage.
ATA-based solid state mass storage technology is
widely used
in
GPS
and
telematics,
in-vehicle
infotainment,
portable
and
industrial
computers,
handheld
data
collection
scanners,
point-of-sale
terminals,
networking
and
telecommunications
equipment, robotics, audio and video recorders,
monitoring devices and set-top boxes.
PATA NANDrive supports standard ATA/IDE protocol
with up to PIO Mode-6
1), Multi-Word DMA Mode-42)
and Ultra DMA Mode-6 interface. PATA NANDrive
provides complete IDE hard disk drive functionality
and compatibility in a 12mm x 24mm BGA package
for
easy,
space-saving
mounting
to
a
system
motherboard.
This
product
surpasses
traditional
storage
in
its
small
size,
security,
reliability,
ruggedness and low power consumption.
The integrated NAND flash controller with built-in
advanced
NAND
management
firmware
communicates with the host through the standard ATA
protocol. It does not require any additional or
proprietary software such as the Flash File System
(FFS) and Memory Technology Driver (MTD).
PATA NANDrive provides a WP#/PD# pin to protect
critical information stored in the flash media from
unauthorized overwrites. PATA NANDrive is pre-
programmed with a 10-Byte unique serial ID and has
the option of programming an additional 10-Byte serial
ID for even greater system security.
PATA NANDrive’s advanced NAND management
technology
enhances
data
security,
improves
endurance and accurately predicts the remaining
lifespan of the NAND flash devices. This innovative
technology
combines
robust
error
correction
capabilities with advanced wear-leveling algorithms
and bad block management to significantly extend the
life of the product.
1)
PATA NANDrive is capable of supporting PIO Mode-6,
but Identify-Drive information report will show PIO Mode-4
2)
PATA NANDrive is capable of supporting Multi-Word
DMA Mode-4, but Identify-Drive information report will
show MWDMA Mode-2


Similar Part No. - GLS85LP1001P

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85LP1002P-S-I-40CN-K GREENLIANT-GLS85LP1002P-S-I-40CN-K Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
GLS85LP1002P-S-I-44CN-K GREENLIANT-GLS85LP1002P-S-I-44CN-K Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
GLS85LP1002P-S-I-FTE GREENLIANT-GLS85LP1002P-S-I-FTE Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
More results

Similar Description - GLS85LP1001P

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM10XXE GREENLIANT-GLS85VM10XXE Datasheet
106Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1004G GREENLIANT-GLS85VM1004G Datasheet
167Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1002E GREENLIANT-GLS85VM1002E Datasheet
166Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85LS1XXXG GREENLIANT-GLS85LS1XXXG Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1016P GREENLIANT-GLS85LS1016P Datasheet
133Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002E GREENLIANT-GLS85LS1002E Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS85LP0512P GREENLIANT-GLS85LP0512P Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
GLS85LD1001T GREENLIANT-GLS85LD1001T Datasheet
340Kb / 8P
Industrial Grade PATA NANDrive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com