Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS85LP1001P Datasheet(PDF) 5 Page - Greenliant systems

Part # GLS85LP1001P
Description  Industrial Grade PATA NANDrive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP1001P Datasheet(HTML) 5 Page - Greenliant systems

  GLS85LP1001P Datasheet HTML 1Page - Greenliant systems GLS85LP1001P Datasheet HTML 2Page - Greenliant systems GLS85LP1001P Datasheet HTML 3Page - Greenliant systems GLS85LP1001P Datasheet HTML 4Page - Greenliant systems GLS85LP1001P Datasheet HTML 5Page - Greenliant systems GLS85LP1001P Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Factsheet 01.000
June 2019
These specifications are subject to change without notice.
06/24/2019
© 2019 Greenliant
5
S71456-F
GLS85LP1001P
Industrial Grade PATA NANDrive™
GLS FS0019 Rev. 00
3.1
Package Diagrams
3.1.1
LBTE Package
Note: All linear dimensions are in millimeters.
Untoleranced dimensions are nominal target values.
Coplanarity: 0.15 mm.
Ball opening size is 0.40 mm (± 0.05 mm).
Figure 3-2: PATA NANDrive 91-Ball, Ball Grid Array (BGA) Greenliant Package Code: LBTE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com