Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS89SP032G3 Datasheet(PDF) 2 Page - Greenliant systems

Part # GLS89SP032G3
Description  Industrial Temp 2.5 SATA ArmourDrive PX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS89SP032G3 Datasheet(HTML) 2 Page - Greenliant systems

  GLS89SP032G3 Datasheet HTML 1Page - Greenliant systems GLS89SP032G3 Datasheet HTML 2Page - Greenliant systems GLS89SP032G3 Datasheet HTML 3Page - Greenliant systems GLS89SP032G3 Datasheet HTML 4Page - Greenliant systems GLS89SP032G3 Datasheet HTML 5Page - Greenliant systems GLS89SP032G3 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Factsheet 01.002
July 2019
These specifications are subject to change without notice.
07/08/2019
© 2019 Greenliant
2
S71465-01
GLS FS0019 Rev. 00
GLS89SP032G3/064G3/128G3/256G3/512G3/001T3
Industrial Temp 2.5” SATA ArmourDrive™ PX Series
1.0 GENERAL DESCRIPTION
Each 2.5” ArmourDrive integrates a SATA SSD controller with up to four NAND flash multi-chip packages in a
standard 2.5-inch form factor housing. Refer to Figure 2-1 for the 2.5” ArmourDrive block diagram.
1.1 Optimized 2.5” ArmourDrive
The heart of 2.5” ArmourDrive is the SATA SSD
controller, which translates standard SATA signals
into flash media data and control signals. The
following components contribute to 2.5” ArmourDrive’s
operation.
1.1.1 Microcontroller Unit (MCU)
The MCU translates SATA commands into data and
control signals required for flash media operation.
1.1.2 Internal Direct Memory Access (DMA)
2.5” ArmourDrive uses internal DMA allowing instant
data transfer from/to buffer to/from flash media. This
implementation eliminates microcontroller overhead
associated with the traditional, firmware-based
approach, thereby increasing the data transfer rate.
1.1.3 Power Management Unit (PMU)
The PMU controls the power consumption of 2.5”
ArmourDrive. The PMU dramatically reduces the
power consumption of 2.5” ArmourDrive by putting the
part of the circuitry that is not in operation into sleep
mode.
The Flash File System handles inadvertent power
interrupts and has auto-recovery capability to ensure
2.5” ArmourDrive firmware integrity. For regular power
management, the host must send an
IDLE_IMMEDIATE command and wait for command
ready before powering down 2.5” ArmourDrive.
1.1.4 Embedded Flash File System
The embedded flash file system is an integral part of
2.5” ArmourDrive. It contains MCU firmware that
performs the following tasks:
1. Translates host side signals into flash media
writes and reads
2. Provides flash media wear leveling to spread
the flash writes across all memory address
space to increase the longevity of flash media
3. Keeps track of data file structures
1.1.5 Power Interrupt Data Protection
Power Interrupt Data Protection is a mechanism to
help prevent data loss during unexpected power
failure events. Enhanced data integrity is supported by
the controller’s advanced firmware during abnormal
power loss. The controller proactively optimizes the
amount and stay time of the “in-flight” data residing in
the cache. To ensure there is no data loss risk caused
by power cycling, the controller sends an
acknowledgement to the host only when the incoming
data is fully committed to the NAND flash.
1.1.6 Error Correction Code (ECC)
The ECC technology uses advanced Low Density
Parity Check (LDPC) algorithms to detect and correct
errors, ensuring data integrity and extending the SSD
lifespan.
1.1.7 Multi-tasking Interface
The multi-tasking interface enables concurrent Read,
Program and Erase operations to multiple NAND flash
media.
1.2 Advanced NAND Management
2.5” ArmourDrive’s controller uses advanced wear-
leveling algorithms to substantially increase the
longevity of NAND flash media. Wear caused by data
writes is evenly distributed in all or select blocks in the
device that prevents “hot spots” in locations that are
programmed and erased extensively. This effective
wear-leveling technique results in optimized device
endurance, enhanced data retention and higher
reliability required by long-life applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com