Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS89SP032G3 Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS89SP032G3
Description  Industrial Temp 2.5 SATA ArmourDrive PX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS89SP032G3 Datasheet(HTML) 4 Page - Greenliant systems

  GLS89SP032G3 Datasheet HTML 1Page - Greenliant systems GLS89SP032G3 Datasheet HTML 2Page - Greenliant systems GLS89SP032G3 Datasheet HTML 3Page - Greenliant systems GLS89SP032G3 Datasheet HTML 4Page - Greenliant systems GLS89SP032G3 Datasheet HTML 5Page - Greenliant systems GLS89SP032G3 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Factsheet 01.002
July 2019
These specifications are subject to change without notice.
07/08/2019
© 2019 Greenliant
4
S71465-01
GLS FS0019 Rev. 00
GLS89SP032G3/064G3/128G3/256G3/512G3/001T3
Industrial Temp 2.5” SATA ArmourDrive™ PX Series
3.0 APPENDIX
3.1 Product Ordering Information
GLS 89 SP xxx G3 - I - BZ4xx
XX XX XXX XX - X - XXXXX
Ordering Code
BZ4xx = SATA AmourDrive Revision
Operating Temperature
I = Industrial: -40°C to +85°C
NAND Configuration
3 = 3 bits per cell
GByte or TByte Designator
G = GByte
T = TByte
Capacity
032 = 32 GByte
064 = 64 GByte
128 = 128 GByte
256 = 256 GByte
512 = 512 GByte
001 = 1 TByte
Product Generation
P = Generation
Form Factor
S = 2.5”
Product Family
89 = SATA 2.5” ArmourDrive
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: SATA 2.5” ArmourDrive Product Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Form Factor
32GB
Industrial (-40°C to 85°C)
GLS89SP032G3-I-BZ400
2.5-inch
64GB
Industrial (-40°C to 85°C)
GLS89SP064G3-I-BZ400
2.5-inch
128GB
Industrial (-40°C to 85°C)
GLS89SP128G3-I-BZ400
2.5-inch
256GB
Industrial (-40°C to 85°C)
GLS89SP256G3-I-BZ400
2.5-inch
512GB
Industrial (-40°C to 85°C)
GLS89SP512G3-I-BZ400
2.5-inch
1TB
Industrial (-40°C to 85°C)
GLS89SP001T3-I-BZ400
2.5-inch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com