Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS89SP032G3 Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS89SP032G3
Description  Industrial Temp 2.5 SATA ArmourDrive PX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS89SP032G3 Datasheet(HTML) 1 Page - Greenliant systems

  GLS89SP032G3 Datasheet HTML 1Page - Greenliant systems GLS89SP032G3 Datasheet HTML 2Page - Greenliant systems GLS89SP032G3 Datasheet HTML 3Page - Greenliant systems GLS89SP032G3 Datasheet HTML 4Page - Greenliant systems GLS89SP032G3 Datasheet HTML 5Page - Greenliant systems GLS89SP032G3 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Factsheet 01.002
July 2019
These specifications are subject to change without notice.
07/08/2019
© 2019 Greenliant
1
S71465-01
GLS FS0019 Rev. 00
GLS89SP032G3/064G3/128G3/256G3/512G3/001T3
Industrial Temp 2.5” SATA ArmourDrive™ PX Series
Features
 Industry Standard 2.5” SATA Host Interface
– SATA 1.5Gb/s, 3Gb/s and 6Gb/s
– SATA Revision 3.2
– ATA/ATAPI-8 compliant
– Supports 48-bit address feature set
 Performance
– Sequential data read: Up to 550 MB/s*
– Sequential data write: Up to 500 MB/s*
* measured using 128 KByte transfer size
 Power Management
– 5V power supply
– Host initialized power management (HIPM)
– Device initialized power management (DIPM)
 Power Specifications
– Active mode:
1TB: 1680mW (typical)
512GB: 1670mW (typical)
256GB: 1450mW (typical)
128GB: 1350mW (typical)
64GB: 1230mW (typical)
32GB: 1100mW (typical)
– Idle mode: < 325mW (typical)
– Slumber mode: < 16mW (typical)
– DevSleep mode (optional): < 5mW (typical)
 Reliability
– Mean Time Between Failures (MTBF):
More than 2 million hours
 Data Protection
– Secure Erase (data sanitization)
 Integrated Current Detector
– Protects from inrush current and generates
reset during power-up and power-down to
prevent inadvertent writes
 Native Command Queuing (NCQ)
– Up to 32 commands
 Supports SMART and TRIM Commands
 20-Byte Serial Number
– Factory pre-programmed unique ID
 Built-in ECC
– Uses advanced LDPC bit error detection and
correction optimized for 3D NAND
 NAND Configuration
– 3 bits per cell (3D TLC)
 Endurance
– 3K P/E cycles (typical)
 Operating Temperature Range
– Industrial: -40°C to 85°C
 2.5-inch Form Factor
– 100mm x 69.85mm x 7.00mm
 All Devices are RoHS Compliant
Product Description
The GLS89SP032G3 / 064G3 / 128G3 / 256G3 /
512G3 / 001T3 Industrial Temperature SATA 2.5”
ArmourDrive™ PX Series (referred to as 2.5”
ArmourDrive” in this factsheet) are high-performance,
high-reliability solid state drives. They combine 32, 64,
128, 256 or 512 GBytes, or 1 TByte of NAND flash
memory with an advanced Serial ATA (SATA)
controller in a standard 2.5-inch form factor housing.
2.5” ArmourDrive is ideal for applications that require
hot-swappable and reliable data storage. 2.5” SATA
solid state storage technology is widely used in
servers, laptops, network-attached storage, industrial
computers, navigation systems, test and
measurement instrumentation, multi-function printers,
security and surveillance equipment, digital signage
and networking systems. These removable solid state
drives (SSDs) surpass traditional hard disk drives
(HDDs) in their security, reliability, ruggedness and
low power consumption.
The SATA SSD controller with built-in advanced
NAND management firmware communicates with the
host through the standard SATA protocol. It does not
require any additional or proprietary software such as
the Flash File System (FFS) and Memory Technology
Driver (MTD). The firmware effectively optimizes the
use of NAND flash memory’s program/erase (P/E)
cycles and minimizes write amplification.
2.5” ArmourDrive’s advanced NAND management
technology improves endurance, enhances data
security and helps prevent data loss during
unexpected power failure events. This innovative
technology combines robust NAND controller
hardware error correction capabilities with advanced
wear-leveling algorithms and bad block management
to improve data reliability and significantly extend the
life of the product.


Similar Part No. - GLS89SP032G3

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS89SA016G1 GREENLIANT-GLS89SA016G1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA016G8 GREENLIANT-GLS89SA016G8 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA016G9 GREENLIANT-GLS89SA016G9 Datasheet
127Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA032G1 GREENLIANT-GLS89SA032G1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA032G2 GREENLIANT-GLS89SA032G2 Datasheet
124Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive MX Series
More results

Similar Description - GLS89SP032G3

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
SATA 2.5 Enterprise SSD PX Series
GLS93SPXXXG3 GREENLIANT-GLS93SPXXXG3 Datasheet
135Kb / 8P
Industrial Temp SD / microSD ArmourDrive PX Series
GLS91CP064G3 GREENLIANT-GLS91CP064G3 Datasheet
119Kb / 6P
Industrial Temp CFast ArmourDrive PX Series
GLS89SQ240G3 GREENLIANT-GLS89SQ240G3 Datasheet
130Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive PX Series
GLS89SQ128G3 GREENLIANT-GLS89SQ128G3 Datasheet
100Kb / 6P
Commercial Temp SATA 2.5 ArmourDrive PX Series
GLS89SAXXXG1 GREENLIANT-GLS89SAXXXG1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA032G2 GREENLIANT-GLS89SA032G2 Datasheet
124Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive MX Series
GLS89SA016G9 GREENLIANT-GLS89SA016G9 Datasheet
127Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS88DQ064G3 GREENLIANT-GLS88DQ064G3 Datasheet
94Kb / 6P
Industrial Temp NVMe M.2 ArmourDrive PX Series
GLS88BP240G3 GREENLIANT-GLS88BP240G3 Datasheet
97Kb / 6P
Industrial Temp NVMe M.2 ArmourDrive PX Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com