Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD8203 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTD8203 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 7
V
VLX
FB, EN to GND
-0.3 ~ VIN
V
LX to GND Voltage
-0.3 ~ 27.5
V
VOVP
OVP to GND
-0.3 ~ 27.5
V
PD
Power Dissipa�on
Internally Limit
W
TJ
Maximum Junc�on Temperature
150
℃
TSTG
Storage Temperature
-65~150
℃
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
℃
Recommended Operating Conditions
Symbol
Parameter
Typical Value
Unit
θJA
Junc�on-to-Ambient Resistance in Free Air
220
oC/W
θJC
Junc�on-to-Case Resistance
120
oC/W
VIN
VIN Supply Voltage(VIN to GND)
2.7-6
V
VOVP
VOUT to GND
VIN -22
V
CIN
Input Capacitor
4.7~
uF
COUT
Output Capacitor
4.7~
uF
L1
Converter Output Inductor
2.2-10
uH
TA
Ambient Temperature
-40~85
oC
TJ
Junc�on Temperature
-40~125
oC
2019. 02. 08
4/13
Revision No : 0
FTD8203
White LED Step-up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com