Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD8203 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 10Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 11Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 12Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information
Input Capacitor Selection
The input capacitor (CIN) reduces the current peaks drawn from
the input supply and reduces noise injection into the IC. The
reflected ripple voltage will be smaller with larger CIN. For reliable
operation, it is recommended to select the capacitor voltage
rating at least 1.2 times higher than the maximum input voltage.
The capacitors should be placed close to the VIN and GND.
Inductor Selection
For high efficiencies, the inductor should have a low dc
resistance to minimize conduction losses. Especially at
high-switching frequencies the core material has a higher impact
on efficiency. When using small chip inductors, the efficiency is
reduced mainly due to higher inductor core losses. This needs to
be considered when selecting the appropriate inductor. The
inductor value determines the inductor ripple current. The larger
the inductor value, the smaller the inductor ripple current and the
lower the conduction losses of the converter. Conversely, larger
inductor values cause a slower load transient response. A
reasonable starting point for setting ripple current, ΔIL,is 30% to
50% of the average inductor current. The recommended inductor
value can be calculated as below:
where
VIN = input voltage
VOUT = output voltage
FSW = switching frequency in MHz
IOUT = maximum output current in amp.
η
= Efficiency
ΔIL /IL(AVG) = inductor ripple current/average current (0.3 to 0.5
typical)
To avoid saturation of the inductor, the inductor should be rated
at least for the maximum input current of the converter plus the
inductor ripple current. The maximum input current is calculated
as below:
The peak inductor current is calculated as the following equation:
Output Capacitor Selection
The current-mode control scheme of the FTD8203 allows the usage
of tiny ceramic capacitors. The higher capacitor value provides
good load transient response.Ceramic capacitors with low ESR
values have the lowest output voltage ripple and are
recommended. If required,tantalum capacitors may be used as
well. The output ripple is the sum of the voltages across the ESR
and the ideal output capacitor.
where IPEAK is the peak inductor current.
White LED Step-up Converter
2019. 02. 08
11/13
Revision No : 0
FTD8203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com