Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD8203 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD8203 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignments
Pin Description
Pin Number
Pin Name Description
1
LX
Switch pin. Connect this pin to inductor/diode here.
2
GND
Ground
3
FB
Feedback Pin. Connect this pin to cathode of the lowest LED and current-sense resistor
(R1). Calculate resistor value according to R1=VREF/ILED.
4
EN
Enable Control Input. Forcing this pin above 1.0V enables the device, or forcing this pin
below 0.4V to shut it down. In shutdown, all func�ons are disabled to decrease the
supply current below 1uA.
Do not leave this pin floa�ng.
5
OVP
Converter Output and Over-Voltage Protec�on Input Pin.
6
IN
Main Supply Pin. Must be closely decoupled to GND with a 4.7uF or greater ceramic
capacitor.
White LED Step-up Converter
FTD8203
SOT-23-6
2019. 02. 08
2/13
Revision No : 0
FTD8203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com