Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62320FP
Description  8-BIT I/O EXPANDER for I2C BUS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62320FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62320FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI < STD. LINEAR ICs >
M62320P,FP
2/20,1998(rev) (
/ 9 )
MITSUBISHI ELECTRIC
8-BIT I/O EXPANDER for I C BUS
2
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (VDD=5V ±10%, GND=0V,Ta=20 to 85°C, unless otherwise noted)
• Supply voltage………VDD=5V±10%
• Input high voltage……VIH=0.8VDD to VDD
• Input low voltage………VIL=0 to 0.2VDD
VDD
VI
–0.3 to VDD+0.3
- 5 to 0
Symbol
IOH
IOL
Pd
Input voltage
Output current "Low"
Output current "High"
Power dissipation
Parameter
Conditions
–0.3 to 7.0
Unit
V
V
V
mA
Ratings
mA
mW
Supply voltage
0 to 30
1220(P) / 980(FP)
VO
Output voltage
Ta = 25°C
–0.3 to VDD+0.3
Topr
Operating temperature
°C
-20 to 85
Tstg
Storage temperature
°C
-40 to 125
D0 to D7
D0 to D7
Symbol
Parameter
Conditions
Limits
Min
Typ
Max
Unit
V
V
V
VIL
VIH
VOH
Input high voltage
Input low voltage
IILK
Input leak current
Circuit current
IDD
VIH = VDD,VIL = GND,
fSCL = 400kHZ
µA
-10
10
0.8VDD
0.2VDD
IOH = -1mA
VDD-0.4
Output high voltage
V
VOL
0.4
IOL = 5mA
Output low voltage
µA
VIH = VDD,VIL = GND,
fSCL = stop
0.5
1.0
0.05
0.1
mA
IOL
Output current "Low"
mA
10
VOL = 0.4V
mA
25
VOL = 1.0V
5
15
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com