Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M62320FP
Description  8-BIT I/O EXPANDER for I2C BUS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62320FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M62320FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI < STD. LINEAR ICs >
M62320P,FP
2/20,1998(rev) (
/ 9 )
MITSUBISHI ELECTRIC
8-BIT I/O EXPANDER for I C BUS
2
• In case the I/O setting is different between each terminals.
An example : the parallel port terminals of D0 to D3 and D4 to D7 are assigned as output and input terminals,
respectively.
The input data is taken into the input latch on every 8th negative-going edge of the SCL clock through the
terminal assigned as an input, and then the latched data is output via the SDA line.
The data of the output assigned terminal is also handled in the same procedures as above.
D0 to D3
D1XD2X
SCL
SDA
0
1
1
1 A2 A1 A0 0
A
P7 P6 P5 P4 P3 P2 P1 P0 A D17D16D15D14D13D12D11D10 AD27D26D25D24D23D22D21D20A
1
234
5
6
7
8
1
234
5
6
7
8
DATA
DATA
Hi-Z
D4 to D7
Hi-Z
start condition
slave address
I / O setting
stop condition
Data output
Data output
• Write mode
The terminal assigned as an output provides the data written in the output data latch.
After power-on, all terminals are reset to the input-state. Then an initial data low of the output latch are
output after the I/O setting has been done. Finally the assigned output are provided after the 8-bit data
transmission.
The terminal assigned as an input keeps the input condition (high-impedance) regardless of 8-bit data
setting.
SCL
SDA
01
1
1 A2 A1 A0 1
A
D47D46D45D44D43D42D41D40 A
12
3
456
78
1
2
34
567
8
D37D36D35D34D33D32D31D30A
DATA
DATA
D17D16D15D14D13D12D11D10A
DATA
D4 to D7
output
Hi-Z
D0 to D3
D1X
D4X
D2X
D3X
D4 to D7
(instance)
start condition
slave address
stop condition
data latch
data latch
data latch
• Read mode
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com