Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M62320FP
Description  8-BIT I/O EXPANDER for I2C BUS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62320FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M62320FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62320FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI < STD. LINEAR ICs >
M62320P,FP
2/20,1998(rev) (
/ 9 )
MITSUBISHI ELECTRIC
8-BIT I/O EXPANDER for I C BUS
2
1. Write mode : I C BUS data input to Parallel data output
2. Read mode :Parallel data input to I C BUS data output
DIGITAL DATA FORMAT
• 8bit data
D2
D1
D0
D3
D4
D5
D6
D7
First
Last
MSB
LSB
• I/O setting data (I/O setting of parallel data I/O terminals.)
P2
P1
P0
P3
P4
P5
P6
P7
First
Last
MSB
LSB
DATA INPUT from parallel data terminals = Low
DATA OUTPUT to parallel data terminals = High
• S : Start Condition
While SCL level is high, SDA line level should be changed from high to low.
• P : Stop condition
While SCL level is high, SDA level should be changed from low to high.
• W: Write (SDA = LOW), R : Read (SDA = HIGH)
• A: Acknowledge bit
Lower three bits (A0,A1,A2) are a programmable address.
This IC is accessed only when the lower 3 bits data of slave
address coincide with the data of CS0 to CS2. (refer to the
right table)
• Slave address
First
Last
0
1
1
1
A2
A1
A0
MSB
LSB
• Each bit data corresponds to the I/O state of
the parallel data terminals.
First
Last
Transmission from Master (MCU etc.) to Slave (M62320)
Transmission from Slave (M62320) to Master (MCU etc.)
• Chip select data
MSB
LSB
(L=Low,H=High)
A
A
A
S
SLAVE ADDRESS W
A
8BIT DATA
P
I/O SETTING
A
8BIT DATA
8BIT
DATA
A2
A1
A0
0
1
00L
L
L
00
L
L
H
1H
LL
H
1
00
11
H
H
CS2
CS1 CS0
Last
First
A
A
S
SLAVE ADDRESS W
A
8BIT DATA
P
8BIT DATA A
8BIT DATA
8BIT
DATA
A
6
2
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com