Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK830P Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK830P
Description  5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK830P Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK830P Datasheet HTML 1Page - First Silicon Co., Ltd FTK830P Datasheet HTML 2Page - First Silicon Co., Ltd FTK830P Datasheet HTML 3Page - First Silicon Co., Ltd FTK830P Datasheet HTML 4Page - First Silicon Co., Ltd FTK830P Datasheet HTML 5Page - First Silicon Co., Ltd FTK830P Datasheet HTML 6Page - First Silicon Co., Ltd FTK830P Datasheet HTML 7Page - First Silicon Co., Ltd FTK830P Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOSFET
2007. 12. 18
5/8
FTK830P / F
Revision No : 0
tON
tDLY(ON)
tR
90%
10%
0
VDS
tDLY(OFF)
tOFF
tF
90%
10%
90%
50%
50%
VGS
0
10%
PULSE WIDTH
FIGURE 4. RESISTIVE SWITCHING WAVEFORMS
0
G
S
D
0.3 F
SAME TYPE
AS DUT
50K
0.2 F
12V
BATTERY
DUT
VDS
ID CURRENT
SAMPLING
RESISTOR
IG CURRENT
SAMPLING
RESISTOR
IG(REF)
CURRENT
REGULATOR
VDS (ISOLATED
SUPPLY)
FIGURE 5. GATE CHARGE TEST CIRCUIT
VGS
QGD
QG(TOT)
QGS
VDD
0
IG(REF)
0
VDS
FIGURE 6. GATE CHARGE WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com