Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK830P Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FTK830P
Description  5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK830P Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK830P Datasheet HTML 1Page - First Silicon Co., Ltd FTK830P Datasheet HTML 2Page - First Silicon Co., Ltd FTK830P Datasheet HTML 3Page - First Silicon Co., Ltd FTK830P Datasheet HTML 4Page - First Silicon Co., Ltd FTK830P Datasheet HTML 5Page - First Silicon Co., Ltd FTK830P Datasheet HTML 6Page - First Silicon Co., Ltd FTK830P Datasheet HTML 7Page - First Silicon Co., Ltd FTK830P Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TYPICAL PERFORMANCE CUVES (Cont.)
MOSFET
2007. 12. 18
7/8
FTK830P / F
Revision No : 0
Gate to Source Voltage, VGS (V)
2
5
7
TRANSFER CHARACTERISTICS
0
6
1
0
1
2
3
4
5
4
3
Case Temperature, TC ( C)
4
DRAIN TO SOURCE ON RESISTANCE
vs GATE VOLTAGE AND DRAIN CURRENT
0
0
8
6
4
2
8
Junction Temperature, TJ ( C)
-20
60
NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
0 2
100
-60
0 6
1
1 4
1 8
2 2
20
Junction Temperature, TJ ( C)
NORMALIZED DRAIN TO SOURCE
BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
0 75
1 25
0 85
0 95
1 05
1 15
CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
0
1
400
800
2000
20
50
CRSS
1600
1200
10
30
30
Drain Current, ID (A)
2
TRANSCONDUCTANCE vs DRAIN CURRENT
0
1
0
1
2
3
4
5
TJ=125 C
TJ=25 C
TJ=-40 C
10
16
12
20
0
80
120
-40
40
140
-20
60
100
20
0
80
120
-40
40
140 160
5
4
3
Pulse Duration = 80μs
Duty Cycle = 0.5% Max
VDS>ID(ON)×RDS(ON)MAX
Pulse Duration = 80μs
Duty Cycle = 0.5% Max
VGS=10V
VGS=20V
Pulse Duration= 80
μs
Duty Cycle = 0 5% Max
VGS =10V, ID=2 5A
ID=250μs
CISS
COSS
VGS = 0V, f = 1MHz
CISS = CGS + C GD
CRSS = CGD
COSS = CDS + CGS
Pulse Duration= 80
μs
Duty Cycle = 0.5% Max
TJ=125 C
TJ=25 C
TJ=-40 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com