Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK830P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK830P
Description  5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK830P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK830P Datasheet HTML 1Page - First Silicon Co., Ltd FTK830P Datasheet HTML 2Page - First Silicon Co., Ltd FTK830P Datasheet HTML 3Page - First Silicon Co., Ltd FTK830P Datasheet HTML 4Page - First Silicon Co., Ltd FTK830P Datasheet HTML 5Page - First Silicon Co., Ltd FTK830P Datasheet HTML 6Page - First Silicon Co., Ltd FTK830P Datasheet HTML 7Page - First Silicon Co., Ltd FTK830P Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOSFET
ABSOLUTE MAXIMUM RATINGS
(Ta = 25˚C, unless otherwise specified)
PARAMET
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
(TJ = 25˚C ~ 125˚C)
500
V
VDS
Drain to Gate Voltage (RGS = 20kΩ) (TJ =25˚C ~ 125˚C)
VDGR
500
V
Gate to Source Voltage
IGS
±30
V
Continuous
5.0
A
Drain Current
Ta = 100°C
ID
3.0
IDM
20
A
EAS
93
W
Maximum Power Dissipation
(Ta = 25˚C)
Derating above 25˚C
0.6
W/˚C
Single Pulse Avalanche Energy Rating
(VDD=50V, starting TJ =25˚C, L=25mH, RG=25Ω, peak IAS = 4.5A)
290
PD
Note: 1. Signified recommend operating range that indicates conditions for which the device is intended to be
functional, but does not guarantee specific performance limits.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
UNIT
62.5
Thermal Resistance Junction-Ambient
θJA
1.67
Thermal Resistance Junction-Case
θJc
˚C / W
ELECTRICAL CHARACTERISTICS
(TC = 25˚C , unless Otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
500
V
Drain-Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
VDS = VGS, ID = 250µA
4.0
µ
A
Gate to Threshold Voltage
VGS(TH)
VDS > ID(ON) X RDS(ON)MAX, VGS = 10V
A
On-State Drain Current (Note 1)
ID(ON)
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
Gate to Source Leakage Current
IGSS
VGS = ±20V
2.5
1
V
Drain to Source On Resistance
(Note 2)
RDS(ON)
ID = 3.0A, VGS = 10V
10
Ω
Forward Transconductance
(Note 2)
4.2
pF
Turn-On Delay Time
tDLY(ON)
30
pF
Rise Time
tR
VDD = 250V, ID ≈ 2.5A,
RGS = 25Ω, RL = 54Ω
(Note 2)
50
2007. 12. 18
2/8
FTK830P / F
Revision No : 0
TSTG
-55 ~ +150
˚C
MAX
Storage Temperature
Turn-Off Delay Time
tDLY(OFF)
VGS = 10V, ID = 5A,
VDS = 0.8 X Rated BVDSS
IG(REF) = 1.5mA (Note 3)
ns
Fall Time
tF
50
Gate to Source Charge
QGS
6
nC
Gate to Drain “Miller” Charge
QGD
VDS = 25V, VGS = 0V,f = 1.0MHz
11
nC
Total Gate Charge
Input Capacitance
CISS
700
nC
QG(TOT)
RATINGS
gFS
VDS ≥ 10V, ID = 2.7A
1.15
S
100
27
TJ
+150
˚C
Junction Temperature
Pulsed
ID
mJ
A
Output Capacitance
Reverse - Transfer Capacitance
COSS
CRSS
VDS = 0.8 x Rated BVDSS,
VGS = 0V, TJ = 125˚C
2.0
4.5
15
90
±100
1.5
70
110
110
900
210
35
20
120
µ
A
nA
ns
ns
pF
ns
Note: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com