Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4482 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4482
Description  100-W 30-A Programmable Isolated DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4482 Datasheet(HTML) 4 Page - Texas Instruments

  PT4482 Datasheet HTML 1Page - Texas Instruments PT4482 Datasheet HTML 2Page - Texas Instruments PT4482 Datasheet HTML 3Page - Texas Instruments PT4482 Datasheet HTML 4Page - Texas Instruments PT4482 Datasheet HTML 5Page - Texas Instruments PT4482 Datasheet HTML 6Page - Texas Instruments PT4482 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4481
Configuring PT4481 DC/DC Converters
for N+1 Operation
‘N+1’ vs OR’ing
The PT4481 DC/DC converter modules may be
operated with other PT4481 modules in ‘N+1’
configurations. A simple OR’ing connection allows
a number of converters to share the load current. An
‘N+1’ configuration adds redundancy by employing
at least one more converter than is necessary to
supply the load. This ensures that upon the loss of
one converter, sufficient capacity remains to supply
the load without interruption. As an example, a 45-A
load configured for ‘N+1’ would require no less than
three PT4481 converters. Two are needed to meet
the load demand, plus one additional converter to
ensure redundancy. Figure 1-1 shows the schematic
for operating two PT4481 converters in an ‘N+1’
configuration for a 25-A load application.
Blocking Diodes
A true ‘N+1’ redundant system must also protect the
output bus against fault current back-feeding a con-
verter. Without a blocking diode, a converter will sink
current as a result of a fault at its output, or due to the
loss of its input source. The blocking diodes 4, (D1
PT4481
PT4481
1
2
8–13
20
7
REMOTE SENSE (+)
REMOTE SENSE (–)
PROGRAMMING PINS
3
C
OUT, 330µF
(Required)
+
18–13
14–19
25
24
23
22
21
14–19
2
626
20
626
7
REMOTE SENSE (+)
21
22
23
24
25
3
PROGRAMMING PINS
D
2, OR'ing Diode
(Required)
–V
IN
+V
IN
25-A
LOAD
Inhibit
–V
OUT
+V
OUT
+V
IN
–V
IN
+V
OUT
–V
OUT
VID4 – VID0
+Sns
–Sns
Share
Sync
Inhibit
–Sns
Share
Sync
Inhibit
+Sns
+V
IN
–V
IN
+V
OUT
–V
OUT
VID4 – VID0
C
IN
C
IN
D
1, OR'ing Diode
(Required)
F1
F2
C
OUT, 330µF
(Required)
+
Figure 1-1; Connection Schematic for Operation in Parallel/N+1 Configuration
& D2 in Figure 1-1), protect against reverse current
flow under such conditions.
Notes
1. For ‘N+1’ redundancy, always use one more
converter than is required to supply the load.
2. The VID pins for all converter modules must be
independently set to the same voltage program code.
3. All converters connected for ‘N+1’ operation
must be located on the same printed circuit
board. A similar footprint and trace layout for
each converter will facilitate current sharing.
4 A number of high-current rectifier diodes are
available with a low forward voltage drop. They
are specifically designed for OR’ing applications
in ‘N+1’ systems. Eg. The 82CNQ030, and
MBRB2515.
5. As a result of excess capacity and the losses in the
blocking diodes, system efficiency is reduced.
6. The interconnection of pin 6 (Sync), and pin 26
(Share) between all modules are required for load
current sharing and operation at a common
frequency.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com