Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4482 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4482
Description  100-W 30-A Programmable Isolated DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4482 Datasheet(HTML) 3 Page - Texas Instruments

  PT4482 Datasheet HTML 1Page - Texas Instruments PT4482 Datasheet HTML 2Page - Texas Instruments PT4482 Datasheet HTML 3Page - Texas Instruments PT4482 Datasheet HTML 4Page - Texas Instruments PT4482 Datasheet HTML 5Page - Texas Instruments PT4482 Datasheet HTML 6Page - Texas Instruments PT4482 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Typical Characteristics
PT4481—48V
100-W 30-A Programmable
Isolated DC/DC Converter
Stand Alone, No Heatsink
Safe Operating Area, Vin =48V (See Note B)
Performance Characteristics, Vo =3.3V (See Note A)
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Iout (A)
500LFM
400LFM
300LFM
200LFM
100LFM
Nat conv
Airflow
50
60
70
80
90
100
0
5
10
15
20
25
30
Iout (A)
48.0V
75.0V
36.0V
VIN
0
20
40
60
80
100
0
5
10
15
20
25
30
Iout (A)
75.0V
48.0V
36.0V
VIN
0
4
8
12
16
20
0
5
10
15
20
25
30
Iout (A)
36.0V
75.0V
48.0V
VIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com