Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4482 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4482
Description  100-W 30-A Programmable Isolated DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4482 Datasheet(HTML) 1 Page - Texas Instruments

  PT4482 Datasheet HTML 1Page - Texas Instruments PT4482 Datasheet HTML 2Page - Texas Instruments PT4482 Datasheet HTML 3Page - Texas Instruments PT4482 Datasheet HTML 4Page - Texas Instruments PT4482 Datasheet HTML 5Page - Texas Instruments PT4482 Datasheet HTML 6Page - Texas Instruments PT4482 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
• 36V to 75V Input Voltage Range
• Programmable Output Voltage
Range: 1.3V to 3.5V
• -40° to +85°C Ambient
• 1500 VDC Isolation
• 89% Efficiency
• On/Off Inhibit
• Differential Remote Sense
• N+1 Current Sharing
SLTS024C
(Revised 6/20/2002)
Description
The PT4481 Excalibur™ DC/DC
converter module combines state-of-the-
art power conversion technology with
un-paralleled flexibility. Incorporating
high efficiency and ultra-fast transient
response, these modules provide up to
30A of output current over the program-
mable voltage range of 1.3V to 3.5V.
This represents a full 100W output at
3.3V.
The modules include a number of
inbuilt features to facilitate system
integration. These include a foldback
output current limit, over-temperature
protection, and an inhibit on/off control.
A differential remote sense is also provided
to compensate for voltage drop between
the converter and load.
For applications requiring power
supply redundancy, multiple PT4481
modules may connected for operation in
an ‘N+1’ configuration. Each PT4481
connected will share the load current with
other active PT4481 modules.
• Over-Current Protection
• Over-Temperature Protection
• Over-Voltage Protection
• Space-Saving Package
• Solderable Copper Case
• Safety Approvals:
UL 60950
CSA 22.2 950
VDE EN60950 Pending
L
O
A
D
PT4481
+V
sns
+V
out
-V
out
-V
sns
7
8-13
14-19
20
25
22
24
23
VID0 - VID4
+V
in
–V
in
1
2
3
Inhibit
C
1
+
PROGRAMMING PINS
+V
OUT
+V
IN
–V
IN
–V
OUT
C
o
+
21
C
2
•Co = Optional 330µF electrolytic capacitor
•C1 = Optional 33µF, 100V electrolytic capacitor
•C2 = Optional 1µF, 100V ceramic capacitor
• Programming pins, VID0–VID4, are shown
configured for Vo =3.3V
• For normal operation, pin 3 (Inhibit) must be
connected to –Vin.
• For details on additional N+1 components
consult the related application note.
Ordering Information
PT4481
o = 1.3 to 3.5 Volts
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
* Previously known as package styles 1200,
1210, and 1215.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Pin-Out Information
Pin
Function
1+Vin
2–Vin
3
Inhibit
4
Do not connect
5
Do not connect
6
Sync †
7
(+)Remote Sense
8+Vout
9+Vout
10 +Vout
11 +Vout
12 +Vout
13 +Vout
Pin
Function
14
–Vout
15
–Vout
16
–Vout
17
–Vout
18–Vout
19
–Vout
20
(–)Remote Sense
21
VID0
22
VID1
23
VID2
24
VID3
25
VID4
26
Share †
PT4481—48V
100-W 30-A Programmable
Isolated DC/DC Converter
† Pins 6 & 26 are used for N+1 configuration (see
related application note). For stand-alone
operation, leave open circuit.
• Shaded functions indicate those pins that are
referenced to primary-side potential.


Similar Part No. - PT4482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4482 TI-PT4482 Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
More results

Similar Description - PT4482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4475 TI-PT4475 Datasheet
436Kb / 6P
100-W 8.5-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
100-W 30-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
100-W 20-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
100-W 20-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
100-W 8.5-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
100-W 20-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
100-W 8.5-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
100-W 30-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
100-W 30-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com