Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFRC12B Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STFRC12B
Description  Horticulture ??3030 series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STFRC12B Datasheet(HTML) 1 Page - Seoul Semiconductor

  STFRC12B Datasheet HTML 1Page - Seoul Semiconductor STFRC12B Datasheet HTML 2Page - Seoul Semiconductor STFRC12B Datasheet HTML 3Page - Seoul Semiconductor STFRC12B Datasheet HTML 4Page - Seoul Semiconductor STFRC12B Datasheet HTML 5Page - Seoul Semiconductor STFRC12B Datasheet HTML 6Page - Seoul Semiconductor STFRC12B Datasheet HTML 7Page - Seoul Semiconductor STFRC12B Datasheet HTML 8Page - Seoul Semiconductor STFRC12B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high Intensity systems while reduces LED
count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
• ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
Deep Red 3030 PKG
Product Data Sheet
Rev1.1, July, 2019
Achieving the best system for Horticulture
STFRC12B
Horticulture
– 3030 series
•
Horticulture lighting
•
General lighting
•
Replacement lamps
•
Architectural
•
Commercial
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
•
Thermally Enhanced Package Design
•
Mid Power to High Power up to 0.3W
•
Max. Driving Current 150mA
•
Compact Package Size
•
Horticulture 3030 Product
•
Pb-free Reflow Soldering Application
RoHS
LM-80
MacAdam
3-Step
RoHS
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size : 3.0x3.0x0.6mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
Part Number
Wavelength (
λ
D)
Color
Min.
Typ.
Max.
STFRC12B
Far Red
720
730
740
Far Red 3030 PKG


Similar Part No. - STFRC12B

ManufacturerPart #DatasheetDescription
logo
Pro-Power
STFRD1-156 PROPOWER-STFRD1-156 Datasheet
186Kb / 1P
VINYL-FULLY INSULATED FEMALE BULLET TERMINALS
STFRD2-195 PROPOWER-STFRD2-195 Datasheet
186Kb / 1P
VINYL-FULLY INSULATED FEMALE BULLET TERMINALS
More results

Similar Description - STFRC12B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
logo
Wurth Elektronik GmbH &...
150353HS74500 WURTH-150353HS74500 Datasheet
775Kb / 10P
WL-SMDC Horticulture SMD Monocolor Ceramic LED Waterclear
logo
Seoul Semiconductor
STDRC12B SEOUL-STDRC12B Datasheet
974Kb / 18P
Horticulture ??3030 series
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
Achieving the best system for Horticulture
logo
Lumileds Lighting Compa...
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
Industry leading efficacy, 3V 3030 package
20210120
logo
Wurth Elektronik GmbH &...
150283HS73103 WURTH-150283HS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color Top LED Waterclear Horticulture
001.002
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
Bridgelux® SMD 3030 Series
05/2016
logo
American Bright OPTOELE...
AB-EZP-12V AMERICANBRIGHT-AB-EZP-12V Datasheet
729Kb / 13P
ezyLED 12V AC 3030 EMC AB-EZP Series
logo
Greystone Energy System...
PS-GH GREYSTONE-PS-GH Datasheet
386Kb / 2P
GREENHOUSE/HORTICULTURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com