Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFRC12B Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STFRC12B
Description  Horticulture ??3030 series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STFRC12B Datasheet(HTML) 3 Page - Seoul Semiconductor

  STFRC12B Datasheet HTML 1Page - Seoul Semiconductor STFRC12B Datasheet HTML 2Page - Seoul Semiconductor STFRC12B Datasheet HTML 3Page - Seoul Semiconductor STFRC12B Datasheet HTML 4Page - Seoul Semiconductor STFRC12B Datasheet HTML 5Page - Seoul Semiconductor STFRC12B Datasheet HTML 6Page - Seoul Semiconductor STFRC12B Datasheet HTML 7Page - Seoul Semiconductor STFRC12B Datasheet HTML 8Page - Seoul Semiconductor STFRC12B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.seoulsemicon.com
Product Data Sheet
Deep Red 3030 PKG
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, July, 2019
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Characteristics, I
F=100mA, Tj= 25ºC, RH30%
Notes :
(1) Far Red Photon Flux (PF
FR) includes wavelengths between 700 and 800 nm.
(2) Far Red Photon Efficacy (PE
FR) includes wavelengths between 700 and 800 nm.
(3) Thermal resistance is junction to Solder.
•
Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
•
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
100
150
mA
Forward Voltage
V
F
1.6
2.0
2.2
V
Radiant Power
-
68
-
mW
PFFR[1]
Φ
p
-
0.37
-
µmol/s
PEFR[2]
Kp
-
1.85
-
µmol/J
Viewing Angle
2
Θ
1/2
-
120
-
Deg.
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [3]
Rθ
J-S
-
17
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Parameter
Symbol
Value
Unit
Forward Current
I
F
150
mA
Power Dissipation
P
D
0.3
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-30 ~ + 100
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Table 3. Absolute Maximum Ratings
Far Red 3030 PKG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com