Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFRC12B Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STFRC12B
Description  Horticulture ??3030 series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STFRC12B Datasheet(HTML) 4 Page - Seoul Semiconductor

  STFRC12B Datasheet HTML 1Page - Seoul Semiconductor STFRC12B Datasheet HTML 2Page - Seoul Semiconductor STFRC12B Datasheet HTML 3Page - Seoul Semiconductor STFRC12B Datasheet HTML 4Page - Seoul Semiconductor STFRC12B Datasheet HTML 5Page - Seoul Semiconductor STFRC12B Datasheet HTML 6Page - Seoul Semiconductor STFRC12B Datasheet HTML 7Page - Seoul Semiconductor STFRC12B Datasheet HTML 8Page - Seoul Semiconductor STFRC12B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.seoulsemicon.com
Product Data Sheet
Deep Red 3030 PKG
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, July, 2019
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 4. Bin Code Description
Radiant Power (mW)
@ IF = 100 mA
Bin
Code
Min.
Max.
J
60
90
Bin Code
Radiant Power (mW)
@ IF = 100 mA
Peak Wavelength (nm)
@ IF = 100 mA
Forward Voltage (V)
@ IF = 100 mA
J
RR1
C
Peak Wavelength (nm)
@ IF = 100 mA
Bin
Code
Min.
Max.
RR1
720
740
Forward Voltage (V)
@ IF = 100 mA
Bin
Code
Min.
Max.
C
1.6
2.2
Far Red 3030 PKG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com