Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75LAPA Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # ST75LAPA
Description  Superior high Flux for High Voltage System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ST75LAPA Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button ST75LAPA Datasheet HTML 9Page - Seoul Semiconductor ST75LAPA Datasheet HTML 10Page - Seoul Semiconductor ST75LAPA Datasheet HTML 11Page - Seoul Semiconductor ST75LAPA Datasheet HTML 12Page - Seoul Semiconductor ST75LAPA Datasheet HTML 13Page - Seoul Semiconductor ST75LAPA Datasheet HTML 14Page - Seoul Semiconductor ST75LAPA Datasheet HTML 15Page - Seoul Semiconductor ST75LAPA Datasheet HTML 16Page - Seoul Semiconductor ST75LAPA Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
ST75LAPA - 5050 Series
13
Rev1.1, July 22, 2019
Color Bin Structure
CIE Chromaticity Diagram (Cool white), T
j=85℃, IF=180mA
5700K 4Step
5000K 4Step
4B
4C
Center point
0.3287 : 0.3417
Center point
0.3447 : 0.3553
Major Axis a
0.0095
Major Axis a
0.0108
Minor Axis b
0.0040
Minor Axis b
0.0047
Ellipse
Rotation Angle
59
Ellipse
Rotation Angle
60
5700K 5Step
5000K 5Step
5B
5C
Center point
0.3287 : 0.3417
Center point
0.3447 : 0.3553
Major Axis a
0.0118
Major Axis a
0.0135
Minor Axis b
0.0050
Minor Axis b
0.0058
Ellipse
Rotation Angle
59
Ellipse
Rotation Angle
60
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.32
0.34
0.36
0.38
0.40
0.42
5G
5E
5C
5B
3000K
4000K
4G
4B
4C
4E
5000K
5600K
4000K 4Step
3000K 4Step
4E
4G
Center point
0.3818 : 0.3797
Center point
0.4338 : 0.4030
Major Axis a
0.0125
Major Axis a
0.0113
Minor Axis b
0.0053
Minor Axis b
0.0055
Ellipse
Rotation Angle
53
Ellipse
Rotation Angle
53
4000K 5Step
3000K 5Step
5E
5G
Center point
0.3818 : 0.3797
Center point
0.4338 : 0.4030
Major Axis a
0.0157
Major Axis a
0.0142
Minor Axis b
0.0067
Minor Axis b
0.0068
Ellipse
Rotation Angle
53
Ellipse
Rotation Angle
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com