Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75LAPA Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # ST75LAPA
Description  Superior high Flux for High Voltage System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ST75LAPA Datasheet(HTML) 3 Page - Seoul Semiconductor

  ST75LAPA Datasheet HTML 1Page - Seoul Semiconductor ST75LAPA Datasheet HTML 2Page - Seoul Semiconductor ST75LAPA Datasheet HTML 3Page - Seoul Semiconductor ST75LAPA Datasheet HTML 4Page - Seoul Semiconductor ST75LAPA Datasheet HTML 5Page - Seoul Semiconductor ST75LAPA Datasheet HTML 6Page - Seoul Semiconductor ST75LAPA Datasheet HTML 7Page - Seoul Semiconductor ST75LAPA Datasheet HTML 8Page - Seoul Semiconductor ST75LAPA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
ST75LAPA - 5050 Series
3
Rev1.1, July 22, 2019
Product Performance & Characterization Guide
Table 3. Absolute Maximum Ratings
Notes :
(1) Seoul Semiconductor maintains a tolerance of
7% on flux and power measurements.
(2) Ф
V is the total luminous flux output as measured with an integrating sphere.
(3) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.005, CCT 5% tolerance.
(4) Tolerance is
2.0 on CRI measurements.
•
Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
•
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
Table 2. Characteristics, I
F=180mA, Tj=25ºC
Parameter
Symbol
Value
Unit
Forward Current
I
F
1000
mA
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-40 ~ + 100
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Voltage
V
F
5.2
-
5.6
V
Luminous Flux
Φ
v
[2]
180
-
210
lm
Correlated Color Temperature[3]
CCT
2,900
-
6,000
K
CRI[4]
Ra
75
-
80
-
Viewing Angle
2Θ1/2
-
120
-
deg.
Thermal resistance (J to S)
Rθ
j-s
-
1.5
-
K/W
ESD Sensitivity(HBM)
-
Class 2 JEDEC JS-001-2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com