Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75LAPA Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # ST75LAPA
Description  Superior high Flux for High Voltage System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ST75LAPA Datasheet(HTML) 1 Page - Seoul Semiconductor

  ST75LAPA Datasheet HTML 1Page - Seoul Semiconductor ST75LAPA Datasheet HTML 2Page - Seoul Semiconductor ST75LAPA Datasheet HTML 3Page - Seoul Semiconductor ST75LAPA Datasheet HTML 4Page - Seoul Semiconductor ST75LAPA Datasheet HTML 5Page - Seoul Semiconductor ST75LAPA Datasheet HTML 6Page - Seoul Semiconductor ST75LAPA Datasheet HTML 7Page - Seoul Semiconductor ST75LAPA Datasheet HTML 8Page - Seoul Semiconductor ST75LAPA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
ST75LAPA - 5050 Series
1
Rev1.1, July 22, 2019
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
1
Superior high Flux for High Voltage System
ST75LAPA
5050 Series
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size : 5.0x5.0x0.7mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component materials
allow these products to perform with
high reliability
•
High Intensity output and high
luminance
•
Designed for high voltage operation
•
SMT solderable
•
RoHS compliant
•
CRI75
•
General lighting
•
Architectural lighting
•
LED Bulbs
•
Decorative / Pathway lighting
Part Number
CCT
CRI
Color
Min.
Typ.
Max.
ST75LAPA
Cool White
6000K
5000K
4700K
75
Neutral White
4200K
4000K
3700K
Warm White
3200K
3000K
2900K
Table 1. Product Selection Table
RoHS
LM-80


Similar Part No. - ST75LAPA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST750000 E-SWITCH-ST750000 Datasheet
95Kb / 1P
RATING: 3A @ 120VAC OR 28VDC
ST750011 E-SWITCH-ST750011 Datasheet
114Kb / 1P
All Dimensions In MM
ST750013 E-SWITCH-ST750013 Datasheet
176Kb / 1P
All Dimensions In MM
ST750101 E-SWITCH-ST750101 Datasheet
119Kb / 1P
RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
More results

Similar Description - ST75LAPA

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
Superior high Flux for High Current System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
Superior high Flux for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com