Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM41DI2 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SSWM41DI2
Description  Side View LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM41DI2 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SSWM41DI2 Datasheet HTML 7Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 8Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 9Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 10Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 11Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 12Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 13Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 14Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.seoulsemicon.com
Product Data Sheet
SSWM41DI2 –Side View LED
12
Rev1.0, November 22, 2019
Color Bin Structure
Table 6. Bin Code Description
Part Number : SSWM41DI2
Bin Code
Luminous Flux
Color Rank
Forward Voltage
W700
A20
Z27
Luminous Flux(lm)
@ IF = 20mA
Bin Code
Min.
Max.
W700
7.00
7.25
W725
7.25
7.50
W750
7.50
7.75
W775
7.75
8.00
W800
8.00
8.25
W825
8.25
8.50
W850
8.50
8.75
Forward Voltage(V)
@ IF = 20mA
Bin Code
Min.
Max.
Z27
2.70
2.90
Z29
2.90
3.10
Color Rank
@ IF = 20mA
Bin Code
A20
A30
B20
B30
C20
C30
D20
D30
E20
E30
F20
F30
G20
G30
H20
H30
Available Ranks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com