Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM41DI2 Datasheet(PDF) 19 Page - Seoul Semiconductor

Part # SSWM41DI2
Description  Side View LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM41DI2 Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button SSWM41DI2 Datasheet HTML 14Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 15Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 16Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 17Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 18Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 19Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 20Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 21Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 22Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.seoulsemicon.com
Product Data Sheet
SSWM41DI2 –Side View LED
20
Rev1.0, November 22, 2019
Precaution for Use
20
Product Data Sheet
(1) Storage conditions
Keep the product in a dry box or a desiccator with a desiccant in order to prevent moisture
absorption.
a. Keep it at a temperature in the range from 5C to 30C and at a humidity of less than 50% RH.
The product should be kept within a year.
(2) After opening the package .
When soldering, this could result in a decrease of the photoelectric effect or light intensity.
a. Soldering should be done right after mounting the product.
b. Keep the temperature in the range from 5C to 30C and the humidity at less than 60%.
Soldering should be done within 7 days after opening the desiccant package.
If the product has been exposed for more than 7 days after opening the package or the indicating
color of the desiccator changes, the product must be baked at a temperature between 65 ± 5C
for less than 24 hours.
An unused and unsealed product should be repacked in a desiccant package and kept sealed in
a dry atmosphere.
Stored at a humidity of less than 10% RH.
(3) Precautions for use
Any external mechanical force or excessive vibration should not be applied to the product during
cooling after soldering, and it is preferable to avoid rapid cooling.
The product should not be mounted on a distorted part of PCB.
Gloves or wrist bands for ESD(Electric Static Discharge) should be wore in order to prevent ESD
and surge damage, and all devices and equipments must be grounded to the earth.
(4) Miscellaneous
Radiation resistance is not considered.
When cleaning the product, any kind of fluid such as water, oil and organic solvent must not be
used and IPA(Isopropyl Alcohol) must be used.
When using the product, operating current should be settled in consideration of the maximum
ambient temperature.
Its appearance or specification for improvement is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com