Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM41DI2 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SSWM41DI2
Description  Side View LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM41DI2 Datasheet(HTML) 3 Page - Seoul Semiconductor

  SSWM41DI2 Datasheet HTML 1Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 2Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 3Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 4Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 5Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 6Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 7Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 8Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.seoulsemicon.com
Product Data Sheet
SSWM41DI2 –Side View LED
4
Rev1.0, November 22, 2019
Performance Characteristics
Notes :
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
93
mW
DC Forward Current
I
F
30
mA
Peak Forward Current
I
FM
*2
100
mA
Reverse Voltage
V
R
5
V
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
(1) Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
(2) 1/10 Duty Cycle @ 1kHz .
Table 1. Absolute Maximum Ratings (Ta = 25ºC)
Table 2. Electro Optical Characteristics (Ta = 25ºC)
Notes :
(1) Forward voltage measurement allowance is ±0.05V
(2) The luminous flux is measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package. Luminous flux measurement allowance is ±5%.
(3) 21/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage*1
Rank Z27
V
F
I
F =20mA
2.70
-
2.90
V
Rank Z29
2.90
-
3.10
Reverse Current
I
R
V
R=5V
-
-
50
A
Luminous Flux*2
Rank W700
L
m
I
F =20mA
7.00
-
7.25
lm
Rank W725
7.25
-
7.50
Rank W750
7.50
-
7.75
Rank W775
7.75
-
8.00
Rank W800
8.00
-
8.25
Rank W825
8.25
-
8.50
Rank W850
8.50
-
8.75
Viewing Angle
2
½
*3
I
F =20mA
120
deg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com