Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA239 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA239
Description  INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA239 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA239 Datasheet HTML 3Page - Texas Instruments INA239 Datasheet HTML 4Page - Texas Instruments INA239 Datasheet HTML 5Page - Texas Instruments INA239 Datasheet HTML 6Page - Texas Instruments INA239 Datasheet HTML 7Page - Texas Instruments INA239 Datasheet HTML 8Page - Texas Instruments INA239 Datasheet HTML 9Page - Texas Instruments INA239 Datasheet HTML 10Page - Texas Instruments INA239 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
6.6 Timing Requirements (SPI)
MIN
NOM
MAX
UNIT
SERIAL INTERFACE
fSPI
SPI bit frequency
10
MHz
tSCLK_H
SCLK high time
40
ns
tSCLK_L
SCLK low time
40
ns
tCSF_SCLKR
CS fall to first SCLK rise time
10
ns
tSCLKF_CSR
Last SCLK fall to CS rise time
10
ns
tFRM_DLY
Sequential transfer delay (1)
50
ns
tMOSI_RF
MOSI Rise and Fall time, 10 MHz SCLK
15
ns
tMOSI_ST
MOSI data setup time
10
ns
tMOSI_HLD
MOSI data hold time
20
ns
tMISO_RF
MISO Rise and Fall time, CLOAD = 200 pF
15
ns
tMISO_ST
MISO data setup time
20
ns
tMISO_HLD
MISO data hold time
20
ns
tCS_MISO_DLY
CS falling edge to MISO data valid delay time
25
ns
tCS_MISO_HIZ
CS rising edge to MISO high impedance delay time
25
ns
(1)
Optional. The SPI interface can operate without the CS pin assistance as long as the pin is held low.
6.7 Timing Diagram
tSCLK_L
High-Z
High-Z
CS
SCLK
MOSI
MISO
X
undefined
undefined
MSB
MSB
LSB
LSB
tSCLK_H
tSCLKF_CSR
tCSF_SCLKR
tFRM_DLY
tMOSI_RF
tMISO_RF
tMOSI_ST
tMOSI_HLD
tMISO_ST
tCS_MISO_DLY
tMISO_HLD
tCS_MISO_HIZ
tSCLK_L
Figure 6-1. SPI Timing Diagram
www.ti.com
INA239
SLYS027 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com