Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA239 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA239
Description  INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA239 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA239 Datasheet HTML 24Page - Texas Instruments INA239 Datasheet HTML 25Page - Texas Instruments INA239 Datasheet HTML 26Page - Texas Instruments INA239 Datasheet HTML 27Page - Texas Instruments INA239 Datasheet HTML 28Page - Texas Instruments INA239 Datasheet HTML 29Page - Texas Instruments INA239 Datasheet HTML 30Page - Texas Instruments INA239 Datasheet HTML 31Page - Texas Instruments INA239 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
The RSHUNT term is the resistance value of the external shunt used to develop the differential voltage across the
IN+ and IN– pins. Use Equation 1 for ADCRANGE = 0. For ADCRANGE = 1, the value of SHUNT_CAL must be
multiplied by 4.
SHUNT_CAL = 819.2 x 10
6 x CURRENT_LSB x R
SHUNT
(1)
where
• 819.2 x 10e6 is an internal fixed value used to ensure scaling is maintained properly.
• the value of SHUNT_CAL must be multiplied by 4 for ADCRANGE = 1.
Maximum Expected Current
2
15
Current_LSB =
(2)
Note that the current is calculated following a shunt voltage measurement based on the value set in the
SHUNT_CAL register. If the value loaded into the SHUNT_CAL register is zero, the current value reported
through the CURRENT register is also zero.
After programming the SHUNT_CAL register with the calculated value, the measured current in Amperes can be
read from the CURRENT register. The final value is scaled by CURRENT_LSB and calculated in Equation 3:
Current [A] = CURRENT_LSB x CURRENT
(3)
where
• CURRENT is the value read from the CURRENT register
The power value can be read from the POWER register as a 24-bit value and converted to Watts by using
Equation 4:
Power [W] = 0.2 x CURRENT_LSB x POWER
(4)
where
• POWER is the value read from the POWER register.
• CURRENT_LSB is the lsb size of the current calculation as defined by Equation 2.
For a design example using these equations refer to Section 8.2.2.
8.1.3 ADC Output Data Rate and Noise Performance
The INA239 noise performance and effective resolution depend on the ADC conversion time. The device also
supports digital averaging which can further help decrease digital noise. The flexibility of the device to select
ADC conversion time and data averaging offers increased signal-to-noise ratio and achieves the highest
dynamic range with lowest offset. The profile of the noise at lower signals levels is dominated by the system
noise that is comprised mainly of 1/f noise or white noise. The INA239 effective resolution of the ADC can be
increased by increasing the conversion time and increasing the number of averages.
Table 8-2 summarizes the output data rate conversion settings supported by the device. The fastest conversion
setting is 50 µs. Typical noise-free resolution is represented as Effective Number of Bits (ENOB) based on
device measured data. The ENOB is calculated based on noise peak-to-peak values, which assures that full
noise distribution is taken into consideration.
INA239
SLYS027 – JANUARY 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com