Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA239 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA239
Description  INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA239 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA239 Datasheet HTML 14Page - Texas Instruments INA239 Datasheet HTML 15Page - Texas Instruments INA239 Datasheet HTML 16Page - Texas Instruments INA239 Datasheet HTML 17Page - Texas Instruments INA239 Datasheet HTML 18Page - Texas Instruments INA239 Datasheet HTML 19Page - Texas Instruments INA239 Datasheet HTML 20Page - Texas Instruments INA239 Datasheet HTML 21Page - Texas Instruments INA239 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
default power-up register values are shown in the reset column for each register description. Links to the register
descriptions are shown in Section 7.6.
7.5 Programming
7.5.1 Serial Interface
The primary communication between the INA239 and the external MCU is through the SPI bus, which provides
full-duplex communications in a main-secondary configuration. The external MCU is always the primary or main
SPI device, sending command requests on the MOSI pin, and receiving device responses on the MISO pin. The
INA239 is always an SPI secondary device, receiving command requests and sending responses (status,
measured values) to the external MCU over the MISO pin.
• SPI is a 4-pin interface with pins as:
– CS - SPI Chip Select (input)
– SCLK - SPI Clock (input)
– MOSI - SPI Secondary In / Main Out data (input)
– MISO - SPI Secondary Out / Main In data (tri-state output)
• The SPI frame size is variable in length depending on the INA239 register accessed through the SPI interface
as following:
– Main to Secondary (MOSI): 6 bits for register Address; 1 bit low; 1 R/W bit (read / not write); variable
length of low bits depending on the INA239 register length.
– Secondary to Main (MISO): 8 bits low; variable length of bits depending on the INA239 register length.
• SPI bit-speed up to 10 Mbit/s
• Both Main commands and INA239 data are shifted MSB first, LSB last
• The data on the MOSI line is sampled on the falling edge of SCLK
• The data on the MISO line is shifted out on the rising edge of SCLK
The SPI communication starts with the CS falling edge, and ends with CS rising edge. The CS high level keeps
secondary SPI interface in an idle state, and MISO output is tri-stated.
Since the MISO output is push-pull it is ideal to have the INA239 supply at the same voltage as the primary
device I/O supply. If different supply voltages are used, level translation is recommended.
7.5.1.1 SPI Frame
SPI communication to the INA239 device is performed through register address access. Communication to every
register starts with a 6-bit register address followed by a "0" and a R/W bit. Setting the R/W bit to "1" indicates
that the current SPI frame will read from a device register while setting the R/W bit to "0" indicates the current
SPI frame will write data to a device register.
MISO
CS
MOSI
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
ADDR
0
DATA
MSB
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LSB
R
. . . .
. . . . . .
16 ± 24 bits
SCLK
Figure 7-7. SPI Read Frame
INA239
SLYS027 – JANUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com