Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7118ACPZN-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7118ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP7118
Data Sheet
Rev. F | Page 14 of 24
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP7118 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic, bill of materials, and
calculate performance in minutes. ADIsimPower can optimize
designs for cost, area, efficiency, and parts count, taking into
consideration the operating conditions and limitations of the IC
and all real external components. For more information about,
and to obtain ADIsimPower design tools, visit
www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Output Capacitor
The ADP7118 is designed for operation with small, space-saving
ceramic capacitors, but functions with general-purpose capacitors
as long as care is taken with regard to the effective series resistance
(ESR) value. The ESR of the output capacitor affects the stability
of the LDO control loop. A minimum of 2.2 µF capacitance with
an ESR of 0.3 Ω or less is recommended to ensure the stability of
the ADP7118. Transient response to changes in load current is
also affected by output capacitance. Using a larger value of output
capacitance improves the transient response of the ADP7118 to
large changes in load current. Figure 44 shows the transient
responses for an output capacitance value of 2.2 µF.
CH1 200mA Ω BW
M20µs
A CH1
100mA
T 10.2%
1
2
CH2 20mV
B
W
T
Figure 44. Output Transient Response, VOUT = 5 V, COUT = 2.2 µF, CH1 Load
Current, CH2 VOUT
Input Bypass Capacitor
Connecting a 2.2 µF capacitor from VIN to GND reduces the
circuit sensitivity to the PCB layout, especially when long input
traces or high source impedance is encountered. If greater than
2.2 µF of output capacitance is required, increase the input
capacitor to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADP7118, as long as they meet the minimum capacitance and
maximum ESR requirements. Ceramic capacitors are manufactured
with a variety of dielectrics, each with different behavior over
temperature and applied voltage. Capacitors must have a dielectric
adequate to ensure the minimum capacitance over the necessary
temperature range and dc bias conditions. X5R or X7R dielectrics
with a voltage rating of 6.3 V to 100 V are recommended. Y5V
and Z5U dielectrics are not recommended, due to their poor
temperature and dc bias characteristics.
Figure 45 depicts the capacitance vs. voltage bias characteristic
of an 0805, 2.2 µF, 10 V, X5R capacitor. The voltage stability of
a capacitor is strongly influenced by the capacitor size and
voltage rating. In general, a capacitor in a larger package or
higher voltage rating exhibits better stability. The temperature
variation of the X5R dielectric is ~±15% over the −40°C to
+85°C temperature range and is not a function of package or
voltage rating.
DC BIAS VOLTAGE (V)
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
Figure 45. Capacitance vs. Voltage Characteristic
Use Equation 1 to determine the worst-case capacitance
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(4)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and CBIAS is 2.09 μF at 5 V, as shown in Figure 45.
These values in Equation 1 yield
CEFF = 2.09 μF × (1 − 0.15) × (1 − 0.1) = 1.59 μF
(5)
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temper-
ature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP7118, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com