Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP7118ACPZN-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP7118ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 23 of 24
COMPLIANT TO JEDEC STANDARDS MO-193-AB
0.95 BSC
1.90 REF
0.90
0.70
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
0.50
0.30
0.10 MAX
1.00 MAX
5
4
1
2
3
END VIEW
TOP VIEW
SIDE VIEW
3.05
2.90
2.75
3.05
2.80
2.55
1.75
1.60
1.45
SEATING
PLANE
Figure 69. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Output Voltage (V)3, 4
Package Description
Package Option
Marking Code
ADP7118ACPZN-R7
−40°C to +125°C
Adjustable (1.2 V)
6-Lead LFCSP
CP-6-3
LP9
ADP7118ACPZN1.8-R7
−40°C to +125°C
1.8
6-Lead LFCSP
CP-6-3
LPA
ADP7118ACPZN2.5-R7
−40°C to +125°C
2.5
6-Lead LFCSP
CP-6-3
LPB
ADP7118ACPZN3.3-R7
−40°C to +125°C
3.3
6-Lead LFCSP
CP-6-3
LPC
ADP7118ACPZN5.0-R7
−40°C to +125°C
5
6-Lead LFCSP
CP-6-3
LPD
ADP7118ARDZ
−40°C to +125°C
Adjustable (1.2 V)
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-R7
−40°C to +125°C
Adjustable (1.2 V)
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-1.8
−40°C to +125°C
1.8
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-1.8-R7
−40°C to +125°C
1.8
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-2.5
−40°C to +125°C
2.5
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-2.5-R7
−40°C to +125°C
2.5
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-3.3
−40°C to +125°C
3.3
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-3.3-R7
−40°C to +125°C
3.3
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-5.0
−40°C to +125°C
5
8-Lead SOIC_N_EP
RD-8-1
ADP7118ARDZ-5.0-R7
−40°C to +125°C
5
8-Lead SOIC_N_EP
RD-8-1
ADP7118AUJZ-R2
−40°C to +125°C
Adjustable (1.2 V)
5-Lead TSOT
UJ-5
LP9
ADP7118AUJZ-R7
−40°C to +125°C
Adjustable (1.2 V)
5-Lead TSOT
UJ-5
LP9
ADP7118AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LPA
ADP7118AUJZ-2.5-R7
−40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LPB
ADP7118AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LPC
ADP7118AUJZ-4.5-R7
−40°C to +125°C
4.5
5-Lead TSOT
UJ-5
LUU
ADP7118AUJZ-5.0-R7
−40°C to +125°C
5
5-Lead TSOT
UJ-5
LPD
ADP7118WAUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LVL
ADP7118WAUJZ-2.5-R7
−40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LVM
ADP7118WAUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LVN
ADP7118WAUJZ-5.0-R7
−40°C to +125°C
5
5-Lead TSOT
UJ-5
LV8
ADP7118UJ-EVALZ
TSOT Evaluation Board
ADP7118CP-EVALZ
LFCSP Evaluation Board
ADP7118RD-EVALZ
SOIC Evaluation Board
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
3
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
4
The evaluation boards are preconfigured with an adjustable ADP7118.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com