Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7118ACPZN-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7118ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP7118ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
20 V, 200 mA, Low Noise,
CMOS LDO Linear Regulator
Data Sheet
ADP7118
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise: 11 µV rms independent of fixed output voltage
PSRR of 88 dB at 10 kHz, 68 dB at 100 kHz, 50 dB at 1 MHz,
VOUT ≤ 5 V, VIN = 7 V
Input voltage range: 2.7 V to 20 V
Maximum output current: 200 mA
Initial accuracy: ±0.8%
Accuracy over line, load, and temperature
−1.2% to +1.5%, TJ = −40°C to +85°C
±1.8%, TJ = −40°C to +125°C
Low dropout voltage: 200 mV (typical) at a 200 mA load,
VOUT = 5 V
User programmable soft start (LFCSP and SOIC only)
Low quiescent current, IGND = 50 μA (typical) with no load
Low shutdown current: 1.8 μA at VIN = 5 V, 3.0 μA at VIN = 20 V
Stable with a small 2.2 µF ceramic output capacitor
Fixed output voltage options: 1.8 V, 2.5 V, 3.3 V, 4.5 V, and 5.0 V
16 standard voltages between 1.2 V and 5.0 V are available
Adjustable output from 1.2 V to VIN – VDO, output can be
adjusted above initial set point
Precision enable
2 mm × 2 mm, 6-lead LFCSP, 8-Lead SOIC, 5-Lead TSOT
AEC-Q100 qualified for automotive applications
APPLICATIONS
Regulation to noise sensitive applications
ADC and DAC circuits, precision amplifiers, power for
VCO VTUNE control
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
Supported by ADIsimPower tool
TYPICAL APPLICATION CIRCUITS
GND
EN
SS
VIN
VOUT
ADP7118
ON
OFF
VIN = 6V
VOUT = 5V
SENSE/ADJ
CIN
2.2µF
COUT
2.2µF
CSS
1nF
Figure 1. ADP7118 with Fixed Output Voltage, 5 V
GND
EN
SS
VIN
VOUT
ADP7118
ON
OFF
VIN = 7V
VOUT = 6V
SENSE/ADJ
CIN
2.2µF
COUT
2.2µF
CSS
1nF
2kΩ
10kΩ
Figure 2. ADP7118 with 5 V Output Adjusted to 6 V
GENERAL DESCRIPTION
The ADP7118 is a CMOS, low dropout (LDO) linear regulator
that operates from 2.7 V to 20 V and provides up to 200 mA of
output current. This high input voltage LDO is ideal for the
regulation of high performance analog and mixed-signal circuits
operating from 19 V down to 1.2 V rails. Using an advanced
proprietary architecture, the device provides high power supply
rejection, low noise, and achieves excellent line and load transient
response with a small 2.2 µF ceramic output capacitor. The
ADP7118 regulator output noise is 11 μV rms independent of
the output voltage for the fixed options of 5 V or less.
The ADP7118 is available in 16 fixed output voltage options.
The following voltages are available from stock: 1.2 V
(adjustable), 1.8 V, 2.5 V, 3.3 V, 4.5 V, and 5.0 V.
Additional voltages available by special order are 1.5 V, 1.85 V,
2.0 V, 2.2 V, 2.75 V, 2.8 V, 2.85 V, 3.8 V, 4.2 V, and 4.6 V.
Each fixed output voltage can be adjusted above the initial set
point with an external feedback divider. This allows the ADP7118
to provide an output voltage from 1.2 V to VIN − VDO with high
PSRR and low noise.
User programmable soft start with an external capacitor is
available in the LFCSP and SOIC packages.
The ADP7118 is available in a 6-lead, 2 mm × 2 mm LFCSP
making it not only a very compact solution, but it also provides
excellent thermal performance for applications requiring up to
200 mA of output current in a small, low profile footprint. The
ADP7118 is also available in a 5-lead TSOT and an 8-lead SOIC.


Similar Part No. - ADP7118ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - ADP7118ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
Analog Devices
ADP7102 AD-ADP7102 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com