Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4020BCPZ-R2 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4020BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020BCPZ-R2 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4020BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 33 of 39
CS MODE, 4-WIRE TURBO MODE
This mode is typically used when a single AD4020/4021/4022
device is connected to an SPI-compatible digital host. Turbo
mode allows lower SCK frequencies by increasing the time that the
ADC conversion result can be clocked out. The AD4020 can
achieve a throughput rate of 1.8 MSPS only when turbo mode is
enabled and using a minimum SCK frequency of 71 MHz (see the
Serial Clock Frequency Requirements section). The connection
diagram is shown in Figure 59, and the corresponding timing
diagram is shown in Figure 60.
To enable turbo mode, set the turbo mode enable bit in the
configuration register to 1 (see Table 12). This mode replaces the
4-wire with busy indicator mode when turbo mode is enabled. The
digital host must be able to write data over SDI to perform register
reads and writes (see the Register Read/Write Functionality
section). When turbo mode is enabled, the conversion result read
on SDO corresponds to the result of the previous conversion.
A rising edge on CNV initiates a conversion and forces SDO to
high impedance. CNV must be held high throughout the
conversion and data readback phase. When performing
conversions in this mode, SDI must be high during the CNV
rising edge. The user must wait tQUIET1 time after the CNV rising
edge before bringing SDI low to clock out the previous conversion
result. When the conversion is complete (after tCONV), the AD4020/
AD4021/AD4022 enter the acquisition phase and power down.
SDI is analogous to a chip select input, and bringing SDI low
outputs the MSB of the conversion result on SDO. The remaining
data bits are clocked out on SDO by subsequent SCK falling
edges. The data is valid on both SCK edges. Although the rising
edge can capture the data, a digital host using the SCK falling
edge allows a faster reading rate, provided it has an acceptable
hold time, as dictated by tHSDO (see Table 2). The conversion
result is clocked out on SDO on the first 20 SCK falling edges. If
the status bits are enabled, they are shifted out on SDO on the
21st through the 26th SCK falling edges (see the Status Bits section).
SDO returns to high impedance after the final SCK falling edge,
or when CNV goes high (whichever occurs first). The user must
also provide a delay of tQUIET2 between the final SCK falling edge
and the next CNV rising edge to ensure specified performance.
AD4020/
AD4021/
AD4022
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
DATA OUT
Figure 59. CS Mode, 4-Wire Turbo Mode Connection Diagram
ACQUISITION
SDO
SCK
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tCYC
tSCK
tSCKL
tEN
tHSDO
12
3
18
19
20
tDSDO
tDIS
tSCKH
D19
D18
D17
D1
D0
tQUIET1
tQUIET2
tACQ
CONVERSION
tCONV
Figure 60. CS Mode, 4-Wire Turbo Mode Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com