Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4020BCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4020BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020BCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4020BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 19 of 39
CONVERTER OPERATION
The AD4020/AD4021/AD4022 are SAR-based ADCs using a
charge redistribution sampling digital-to-analog converter
(DAC). Figure 38 shows the simplified schematic of the ADC. The
capacitive DAC consists of two identical arrays of 20 binary
weighted capacitors that are connected to the comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to the GND pin via the
SW+ and SW− switches (see Figure 38). All independent
switches connect the other terminal of each capacitor to the
analog inputs. The capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs.
When the acquisition phase is complete and the CNV input
goes high, a conversion phase initiates. When the conversion
phase begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the GND input. The differential voltage between the IN+ and IN−
inputs captured at the end of the acquisition phase is applied to the
comparator inputs, unbalancing the comparator. By switching
each element of the capacitor array between the GND pin and
VREF, the comparator input varies by binary weighted voltage
steps (VREF/2, VREF/4, …, VREF/1,048,576). The control logic toggles
these switches, starting with the MSB, to bring the comparator
back into a balanced condition. After the process completes, the
control logic generates the ADC output code and a busy signal
indicator.
Because the AD4020/AD4021/AD4022 have on-board conversion
clocks, the serial clock, SCK, is not required for the conversion
process.
TRANSFER FUNCTIONS
The ideal transfer characteristics for the AD4020/AD4021/
AD4022 are shown in Figure 39 and Table 9.
100...000
100...001
100...010
011...101
011...110
011...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 39. ADC Ideal Transfer Function (FSR Is Full-Scale Range)
Table 9. Output Codes and Ideal Input Voltages
Description
Analog Input, VREF = 5 V
VREF = 5 V with Span Compression Enabled
Digital Output Code (Hex)
FSR − 1 LSB
+4.99999046 V
+3.99999237 V
0x7FFFF1
Midscale + 1 LSB
+9.54 µV
+7.63 µV
0x00001
Midscale
0 V
0 V
0x00000
Midscale − 1 LSB
−9.54 µV
−7.63 µV
0xFFFFF
−FSR + 1 LSB
−4.99999046 V
−3.99999237 V
0x80001
−FSR
−5 V
−4 V
0x800002
1
This output code is also the code for an overranged analog input (VIN+ − VIN− above VREF with span compression disabled and above 0.8 × VREF with span compression
enabled).
2
This output code is also the code for an underranged analog input (VIN+ − VIN− below −VREF with span compression disabled and below -0.8 × VREF with span compression
enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com