Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4020BCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4020BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020BCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4020BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 16 of 39
0.01
0.10
1
10
100
1k
10k
100k
10
100
1k
10k
100k
1M 1.8M
THROUGHPUT (SPS)
VDD
VIO
VREF
TOTAL POWER
Figure 35. Power Dissipation vs. Throughput, VIO = 1.8 V, VREF = 5 V
25.0
20.0
10.0
15.0
5.0
22.5
17.5
7.5
12.5
2.5
0
–40
100
80
60
40
20
0
–20
120
TEMPERATURE (°C)
Figure 36. Standby Current vs. Temperature
23
21
13
17
19
15
9
11
7
5
0100
80
60
40
200
180
160
140
20
220
120
LOAD CAPACITANCE (pF)
VIO = 5V
VIO = 3.3V
VIO = 1.8V
Figure 37 . tDSDO vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com