Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN3.3-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP7118ACPZN3.3-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN3.3-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP7118ACPZN3.3-R7 Datasheet HTML 6Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 7Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 8Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 9Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 10Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 11Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 12Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 13Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP7118
Data Sheet
Rev. F | Page 10 of 24
3.1
3.3
3.7
3.5
3.9
VIN (V)
0
100
200
300
400
700
500
600
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 150mA
LOAD = 200mA
Figure 24. Ground Current vs. Input Voltage (VIN) in Dropout, VOUT = 3.3 V
–40
–5
25
85
125
TEMPERATURE (°C)
0
300
250
200
150
100
50
VIN = 2.7V
VIN = 5.0V
VIN = 10V
VIN = 20V
Figure 25. Soft Start (SS) Current vs. Temperature, Multiple Input Voltages,
VOUT = 5 V
1
10M
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
3.0V
2.0V
1.6V
1.4V
1.2V
1.0V
800mV
700mV
600mV
Figure 26. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 1.8 V,
for Various Headroom Voltages
0.2
3.0
2.6
2.2
1.8
1.4
1.0
0.6
HEADROOM VOLTAGE (V)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
VOUT = 1.8 V,for Different Frequencies
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
–120
–100
–80
–60
–40
–20
0
3.0V
2.0V
1.6V
1.4V
1.2V
1.0V
800mV
700mV
600mV
500mV
Figure 28. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 3.3 V,
for Various Headroom Voltages
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
HEADROOM VOLTAGE (V)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 29. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
VOUT = 3.3 V, for Different Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com