Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN3.3-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP7118ACPZN3.3-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN3.3-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP7118ACPZN3.3-R7 Datasheet HTML 7Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 8Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 9Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 10Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 11Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 12Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 13Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 14Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 11 of 24
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
–120
–100
–80
–60
–40
–20
0
3.0V
2.0V
1.6V
1.4V
1.2V
1.0V
800mV
700mV
600mV
500mV
Figure 30. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 5 V,
for Various Headroom Voltages
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
HEADROOM VOLTAGE (V)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 31. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
VOUT = 5 V, for Different Frequencies
1
10
100
1000
LOAD CURRENT (mA)
0
4
8
12
16
20
10Hz TO 100kHz
100Hz TO 100kHz
Figure 32. RMS Output Noise vs. Load Current
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
1
10
100
1k
10k
Figure 33. Output Noise Spectral Density vs. Frequency, ILOAD = 10 mA
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
1
10
100
1k
10k
100k
100µA
1mA
10mA
100mA
200mA
Figure 34. Output Noise Spectral Density vs. Frequency, for Different Loads
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
1
10
100
1k
10k
100k
1.8V
3.3V
5.0V
Figure 35. Output Noise Spectral Density vs. Frequency for
Different Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com