Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN3.3-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP7118ACPZN3.3-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN3.3-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP7118ACPZN3.3-R7 Datasheet HTML 15Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 16Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 17Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 18Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 19Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 20Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 21Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 22Page - Analog Devices ADP7118ACPZN3.3-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 19 of 24
25
35
45
55
65
75
85
95
105
115
125
135
145
0
0.1
0.2
0.3
0.4
0.5
0.6
0.8
1.0
0.7
0.9
TOTAL POWER DISSIPATION (W)
500mm2
100mm2
50mm2
TJ MAX
Figure 58. TSOT, TA = 25°C
50
140
130
120
110
100
90
80
70
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TOTAL POWER DISSIPATION (W)
500mm2
100mm2
50mm2
TJ MAX
Figure 59. TSOT, TA = 50°C
65
145
75
85
95
105
115
125
135
0
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TOTAL POWER DISSIPATION (W)
500mm2
100mm2
50mm2
TJ MAX
Figure 60. TSOT, TA = 85°C
In the case where the board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction
temperature rise (see Figure 61, Figure 62, and Figure 63).
Calculate the maximum junction temperature by using
Equation 2.
TJ = TB + (PD × ΨJB)
The typical value of ΨJB is 24°C/W for the 8-lead LFCSP package,
38.8°C/W for the 8-lead SOIC package, and 43°C/W for the 5-lead
TSOT package.
TOTAL POWER DISSIPATION (W)
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
Figure 61. LFCSP Junction Temperature Rise, Different Board Temperatures
TOTAL POWER DISSIPATION (W)
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
2.5
3.0
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
Figure 62. SOIC Junction Temperature Rise, Different Board Temperatures
TOTAL POWER DISSIPATION (W)
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
2.5
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
Figure 63. TSOT Junction Temperature Rise, Different Board Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com