Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-8 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # LS-8
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-8 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button LS-8 Datasheet HTML 43Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 44Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 45Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 46Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 47Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 48Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 49Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 50Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
75
ø30 Series Accessories and Replacement Parts ø30
Maintenance Parts
Shape
Description
Material
Part No.
Ordering No.
Package
Quantity
Remarks
Spare Key
ASN3K/4K,ABN5
Metal
ASN-T1SK-24401 ASN-T1SK-24401PN02
2
•Applicable to
ABN3K, ABN4K,
ABN5
ASN
∗K
ASN-SK-24401
ASN-SK-24401PN02
Spare Key
ASNK-T
ASN
∗K
TW-SK-0
TW-SK-0PN02
2
Transformer
100/110V AC
(for LED/1W incandescent
lamps)
TWR-016N
TWR-016N
1
Mounting screws are
not included.
200/220V AC
(for LED/1W incandescent
lamps)
TWR-026N
TWR-026N
1
Pin/Chain
For ABN8P
pinloock
Metal
ABN8P-PIN
ABN8P-PIN
1
Pin, chain, and plate
for ABN8P
LED Lamps
Dimensions
Operating
Voltage
Current Draw
Part No.
Ordering No.
➁ Illumination
Color Code
Package
Quantity
Base
AC
DC
6V AC/DC ±10%
8 mA
7 mA
(A, R, W)
5.5 mA
(G, PW, S)
LSTD-6➁
LSTD-6➁
A:
amber
G: green
PW: pure white
R: red
S:
blue
W: white
Use a pure
white (PW) LED
lamp with yel-
low (Y) lens.
1
BA9S/13
LSTD-6➁PN10
10
12V AC/DC
±10%
11 mA
10 mA
LSTD-1➁
LSTD-1➁
1
LSTD-1➁PN10
10
24V AC/DC
±10%
11 mA
10 mA
LSTD-2➁
LSTD-2➁
1
LSTD-2➁PN10
10
6V AC/DC ±10%
17 mA
(A, R, W, Y)
8 mA
(G, PW, S)
14 mA
(A, R, W, Y)
5.5 mA
(G, PW, S)
LETD-6➁
LETD-6➁
A: amber
G: green
R: red
S: blue
W: white
Y: yellow
1
E12/15
LETD-6➁PN10
10
12V AC/DC
±10%
7 mA
6.5 mA
LETD-8➁
LETD-8➁
1
LETD-8➁PN10
10
24V AC/DC
±10%
11 mA
10 mA
LETD-2➁
LETD-2➁
1
LETD-2➁PN10
10
Incandescent Lamps
Dimensions
Rated Operating
Voltage
Lamp Ratings
Part No.
Package
Quantity
Life
Base BA9S/13
22.5±1.5
6V AC/DC
1W (6.3V)
LS-6
1
Approx. 1000 hours
minimum
(reference value)
12V AC/DC
1W (18V)
LS-8
18V AC/DC
1W (24V)
LS-2
24V AC/DC
1W (30V)
LS-3
Base E12/15
34±2
6V AC/DC
2W (6.3V)
LE-6
1
12V AC/DC
2W (18V)
LE-8
18V AC/DC
2W (24V)
LE-2
24V AC/DC
2W (30V)
LE-3
•Specify a color code in place of ➁ in the Ordering No.
Base BA9S/13
20.8
Base E12/15
27
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com