Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-8 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # LS-8
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-8 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button LS-8 Datasheet HTML 43Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 44Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 45Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 46Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 47Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 48Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 49Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 50Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
76
ø30 ø30 Series Accessories and Replacement Parts
Transformer
DIN Rail Mount
Primary Voltage
Secondary Voltage
Part No.
Applicable Load
For 1W
100/110V AC
5.5V
TWR516
One full voltage pilot light or illuminated
switch containing LSTD-6➁, LETD-6➁ LED
lamp (6V AC/DC) or LS-6 incandescent
lamp (6.3 V AC/DC, 1W)
200/220V AC
TWR526
400/440V AC
TWR546
For 2W
100/110V AC
15V
TWR518
One full voltage pilot light or illuminated
switch containing LE-8 incandescent lamp
(18V AC/DC, 2W)
200/220V AC
TWR528
400/440V AC
TWR548
Specifications
Operating Voltage
100/110V AC, 115/120V AC, 200/220V AC,
230/240V AC, 380V AC, 400/440V AC,
480V AC (50/60Hz)
Current Draw
2.4 VA
Rated Insulation
Voltage
600V
Insulation Resistance
100 MΩ minimum (500V DC megger)
Operating Temperature –30 to +60°C (no freezing)
Storage Temperature
–40 to +80°C (no freezing)
Operating Humidity
35 to 85% RH (no condensation)
Vibration Resistance
Damage Limits: 30 Hz, amplitude 1.5 mm
Operating extremes: 5 to 55 Hz, amplitude 0.5 mm
Shock Resistance
Damage limits, Operating Extremes: 1,000 m/s2
Dielectric Strength
2,500V AC, 1 minute
Terminal Screw
M3.5
Applicable Wire
2 mm2 maximum, 2 wires maximum
Weight (approx.)
87g
Accessories
DIN Rail
Part No.
Ordering No.
Length
Weight (approx.)
Material
Package Quantity
BAA1000
BAA1000PN10
1000 mm
200g
Aluminum
10
BAP1000
BAP1000PN10
1000 mm
320g
Steel
10
End Clip
Part No.
Ordering No.
Applicable DIN Rail
Weight (approx.)
Material
Package Quantity
Dimensions
BNL6
BNL6PN10
BAA1000
BAP1000
15g
Steel
(Zinc-plated)
10
45
9
•UseplasticendclipBC9Z-E/NS35Nwhenusing400/440VACprimaryvoltagetransformers.
Dimensions
52
48
40
BAA1000
M3.5 Terminal Screw
Terminal Cover
Secondary Side
Primary Side
2–ø3.3
Mounting Hole
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com