Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LS-8
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LS-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers LS-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
23
ø30 Series Pushbuttons ø30
Mushroom / Jumbo Mushroom / Square Flush / Square Extended Pushbuttons
Package Quantity: 1
Shape
Operation
Contact
Part No.
➀ Button Color
Code
Dimensions (mm)
Mushroom
ABN3
Momentary
1NO
ABN310➀
B: black
G: green
R: red
S: blue
W: white
Y: yellow
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 7.5
46 (1 or
2 blocks)
69 (3 or 4 blocks)
21
1NC
ABN301➀
1NO-1NC ABN311➀
2NO
ABN320➀
2NC
ABN302➀
2NO-2NC ABN322➀
Mushroom
AON3
Maintained
1NO
AON310➀
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 7.5
68 (1 or 2 blocks)
91 (3 or 4 blocks)
21
1NC
AON301➀
1NO-1NC AON311➀
2NO
AON320➀
2NC
AON302➀
2NO-2NC AON322➀
Mushroom with Full Shroud
ABN3G
Momentary
1NO
ABN3G10➀
M3.5 Terminal Screw
623
Panel Thickness 0.8 to 6.5
44 (1 or
2 blocks)
67 (3 or 4 blocks)
23
1NC
ABN3G01➀
1NO-1NC ABN3G11➀
2NO
ABN3G20➀
2NC
ABN3G02➀
2NO-2NC ABN3G22➀
Palm Mushroom
ABN4
Momentary
1NO
ABN410➀
B: black
G: green
R: red
M3.5 Terminal Screw
6
23
46 (1 or
2 blocks)
69 (3 or 4 blocks)
Panel Thickness 0.8 to 7.5
35
1NC
ABN401➀
1NO-1NC ABN411➀
2NO
ABN420➀
2NC
ABN402➀
2NO-2NC ABN422➀
Jumbo Mushroom with
Shallow Shroud
ABN4G
Momentary
1NO
ABN4G10➀
M3.5 Terminal Screw
6
23
Panel Thickness 0.8 to 7.5
46 (1 or
2 blocks)
69 (3 or 4 blocks)
28
1NC
ABN4G01➀
1NO-1NC ABN4G11➀
2NO
ABN4G20➀
2NC
ABN4G02➀
2NO-2NC ABN4G22➀
Jumbo Mushroom with Deep
Shroud
ABN4F
Momentary
1NO
ABN4F10➀
M3.5 Terminal Screw
623
Panel Thickness 0.8 to 7.5
32.5
46 (1 or
2 blocks)
69 (3 or 4 blocks)
1NC
ABN4F01➀
1NO-1NC ABN4F11➀
2NO
ABN4F20➀
2NC
ABN4F02➀
2NO-2NC ABN4F22➀
Square Flush
UBQN1
Momentary
1NO
UBQN110➀
B: black
G: green
R: red
Y: yellow
M3.5 Terminal Screw
623
40
Panel Thickness 0.8 to 5.5
14
44
70.5 (3 or 4 blocks)
47.5 (1 or
2 blocks)
1NC
UBQN101➀
1NO-1NC UBQN111➀
2NO
UBQN120➀
2NC
UBQN102➀
2NO-2NC UBQN122➀
Square Extended
UBQN2
Momentary
1NO
UBQN210➀
M3.5 Terminal Screw
6
23
40
Panel Thickness 0.8 to 5.5
44
47.5 (1 or
2 blocks)
70.5 (3 or 4 blocks)
20
1NC
UBQN201➀
1NO-1NC UBQN211➀
2NO
UBQN220➀
2NC
UBQN202➀
2NO-2NC UBQN222➀
•Specify a button color code in place of ➀ in the Part No.
•Round/square bezel and shroud (metal): Chrome-plated
•Other contact arrangements and gold-plated silver contacts are also available. See page 20.
(nameplate sold
separately)
(nameplate sold
separately)
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com