Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-3 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # LS-3
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-3 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button LS-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 22Page - List of Unclassifed Manufacturers LS-3 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
34
ø30 ø30 Series Illuminated Pushbuttons
Incandescent
Round Extended with Half Shroud Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Round Extended
ALNG
ALNEG
BA9S
Momentary
Without Lamp
1NO-1NC
ALN9G911➁
See page 75 for
lamps.
2NO
ALN9G920➁
2NC
ALN9G902➁
Incandescent
1NO-1NC
ALN➂11➁
LS-*
2NO
ALN➂20➁
2NC
ALN➂02➁
E12
Momentary
Without Lamp
1NO-1NC
ALNE9G911➁
See page 75 for
lamps.
2NO
ALNE9G920➁
2NC
ALNE9G902➁
Incandescent
1NO-1NC
ALN➂11➁
LE-*
2NO
ALN➂20➁
2NC
ALN➂02➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens Color Code
➂ Operating Voltage Code
Input
Incandescent (BA9S)
Incandescent (E12)
Specify a lens color code in place of ➁.
C: clear
G: green
O: orange
R: red
S: blue
W: white
6G6: 6V AC/DC
8G8: 12V AC/DC
3G3: 24V AC/DC
E6G6: 6V AC/DC
E8G8: 12V AC/DC
E3G3: 24V AC/DC
Full voltage
1G6: 100/110V AC
12G6: 120V AC
2G6: 200/220V AC
24G6: 240V AC
38G6: 380V AC
4G6: 400/440V AC
48G6: 480V AC
1G8: 100/110V AC
12G8: 120V AC
2G8: 200/220V AC
24G8: 240V AC
38G8: 380V AC
4G8: 400/440V AC
48G8: 480V AC
Transformer
Dimensions
M3 Terminal Screw
M3.5 Terminal Screw
81 (4 blocks)
58 (2 blocks)
23
Panel Thickness 0.8 to 4
6
23
40
M3.5 Terminal
Screws
92 (2 blocks)
115 (4 blocks)
23
Panel Thickness 0.8 to 4
23
40
88 (4 blocks)
65 (2 blocks)
23
Panel Thickness 0.8 to 4
6
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
99 (2 blocks)
122 (4 blocks)
23
Panel Thickness 0.8 to 4
40
23
ALN*G Momentary
BA9S/Full Voltage
ALNE*G Momentary
E16/Full Voltage
ALNE*G Momentary
E16/Transformer
ALN*G Momentary
BA9S/Transformer
All dimensions in mm.
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com